Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106 Datasheet(PDF) 14 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 14 Page - ams AG

Back Button AS1106 Datasheet HTML 10Page - ams AG AS1106 Datasheet HTML 11Page - ams AG AS1106 Datasheet HTML 12Page - ams AG AS1106 Datasheet HTML 13Page - ams AG AS1106 Datasheet HTML 14Page - ams AG AS1106 Datasheet HTML 15Page - ams AG AS1106 Datasheet HTML 16Page - ams AG AS1106 Datasheet HTML 17Page - ams AG AS1106 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
13 - 21
AS1106, AS1107
Datasheet - Detailed Descr i pti on
8.5.6 Feature Register (0xXE)
The Feature Register is used for enabling various features including switching the device into external clock mode, applying an external reset,
selecting code-B or HEX decoding, enabling or disabling blinking, enabling or disabling the SPI-compatible interface (AS1106 only), setting the
blinking rate, and resetting the blink timing.
Note:
At power-up the Feature Register is initialized to 0.
8.5.7 No-Op Register (0xX0)
The No-Op Register is used when multiple AS1106 or AS1107 devices are cascaded in order to support displays with more than 8 digits. The
cascading must be done in such a way that all DOUT pins are connected to DIN of the next AS1106/AS1107 (see Figure 14 on page 16). The
LOAD/CSN and CLK signals are connected to all devices.
For example, if five devices are cascaded, in order to perform a write operation to the fifth device, the write-command must be followed by four
no-operation commands. When the LOAD/CSN signal goes high, all shift registers are latched. The first four devices will receive no-operation
commands and only the fifth device will receive the intended operation command, and subsequently update its register.
Table 17. Feature Register Summary
D7
D6
D5
D4
D3
D2
D1
D0
blink_
start
sync
blink_
freq_sel
blink_en
spi_en
decode_sel
reg_res
clk_en
Table 18. Feature Register Bit Descriptions (Address (HEX) = 0xXE))
Addr: 0xXE
Feature Register
Enables and disables various device features.
Bit
Bit Name
Default
Access
Bit Description
D0
clk_en
0R/W
External clock active.
0 = Internal oscillator is used for system clock.
1 = Pin CLK of the serial interface operates as system clock input.
D1
reg_res
0R/W
Resets all control registers except the Feature Register.
0 = Reset Disabled. Normal operation.
1 = All control registers are reset to default state (except the Feature Register)
identically after power-up.
Note:
The Digit Registers maintain their data.
D2
decode_sel
0R/W
Selects display decoding.
0 = Enable Code-B decoding (see Table 10 on page 10).
1 = Enable HEX decoding (see Table 11 on page 11).
D3
spi_en
0R/W
Enables the SPI-compatible interface.
0 = Disable SPI-compatible interface (AS1106 only).
1 = Enable the SPI-compatible interface (AS1106 only).
Note:
The SPI-compatible interface is always enabled in the AS1107.
D4
blink_en
0R/W
Enables blinking.
0 = Disable blinking.
1 = Enable blinking.
D5
blink_freq_sel
0R/W
Sets blink with low frequency (with the internal oscillator enabled):
0 = Blink period typically is 1 second (0.5s on, 0.5s off).
1 = Blink period is 2 seconds (1s on, 1s off).
D6
sync
0R/W
Synchronizes blinking on the rising edge of pin LOAD/CSN. The multiplex and blink
timing counter is cleared on the rising edge of pin LOAD/CSN. By setting this bit in
multiple AS1106/AS1107 devices, the blink timing can be synchronized across all the
devices.
D7
blink_start
0R/W
Start Blinking with display enabled phase. When bit D4 (blink_en) is set, bit D7
determines how blinking starts.
0 = Blinking starts with the display turned off.
1 = Blinking starts with the display turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com