Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106 Datasheet(PDF) 17 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 17 Page - ams AG

Back Button AS1106 Datasheet HTML 13Page - ams AG AS1106 Datasheet HTML 14Page - ams AG AS1106 Datasheet HTML 15Page - ams AG AS1106 Datasheet HTML 16Page - ams AG AS1106 Datasheet HTML 17Page - ams AG AS1106 Datasheet HTML 18Page - ams AG AS1106 Datasheet HTML 19Page - ams AG AS1106 Datasheet HTML 20Page - ams AG AS1106 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
16 - 21
AS1106, AS1107
Datasheet - Application In form atio n
9.4 8x8 LED Dot Matrix Driver
The application example in Figure 14 shows the AS1106 as an 8x8 LED dot matrix driver.
The LED columns have common cathodes and are connected to the DIG0:7 outputs. The rows are connected to the segment drivers. Each of
the 64 LEDs can be addressed separately. The columns are selected via the digits as listed in Table 7 on page 9.
The Decode Enable Register (see page 10) must be set to ‘00000000’ as described in Table 9 on page 10. Single LEDs in a column can be
addressed as described in Table 12 on page 11, where bit D0 corresponds to segment G and bit D7 corresponds to segment DP.
Note:
For a multiple-digit dot matrix, multiple AS1106 devices must be cascaded.
Figure 14. Application Example as LED Dot Matrix Driver
9.5 Cascading Drivers
The example in Figure 14 drives 2 dot matrix digits using a 4-wire microprocessor interface. All Scan-Limit Registers should be set to the same
value so that one display will not appear brighter than the other.
For example, to display 12 digits, set both Scan-Limit Registers to display 6 digits so that both displays have a 1/6 duty cycle per digit. If 11 digits
are needed, set both Scan-Limit Registers to display 6 digits and leave one digit unconnected. Otherwise, if one driver is set to display 6 digits
and the other to display 5 digits one display will appear brighter because its duty cycle per digit will be 1/5 and the other display’s duty cycle will
be 1/6.
Note:
Refer to No-Op Register (0xX0) on page 13 for additional information.
SEG G
DIG0:7
ISET
DIN
GND
GND
LOAD/CSN
CLK
VDD
SEG A:G
SEG DP
9.53k
Ω
DIG0:7
ISET
DIN
GND
GND
LOAD/CSN
CLK
VDD
SEG A:G
SEG DP
9.53k
Ω
DOUT
8x8 LED Dot Matrix
8x8 LED Dot Matrix
Diode Arrangement
VBAT
VBAT
Micro-
Processor
SEG A
SEG DP
SEG B
SEG C
SEG D
SEG E
SEG F
SEG G
SEG A
SEG DP
SEG B
SEG C
SEG D
SEG E
SEG F
AS1106/
AS1107
AS1106/
AS1107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com