Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1329 Datasheet(PDF) 13 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 13 Page - ams AG

Back Button AS1329_13 Datasheet HTML 9Page - ams AG AS1329_13 Datasheet HTML 10Page - ams AG AS1329_13 Datasheet HTML 11Page - ams AG AS1329_13 Datasheet HTML 12Page - ams AG AS1329_13 Datasheet HTML 13Page - ams AG AS1329_13 Datasheet HTML 14Page - ams AG AS1329_13 Datasheet HTML 15Page - ams AG AS1329_13 Datasheet HTML 16Page - ams AG AS1329_13 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
13 - 20
AS1329
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.2 Smallest External Components
The AS1329 is also able to work with smallest Capacitors and Inductors (see Figure 26).
Figure 26. AS1329 - Typical Application for Smallest External Components
Figure 27. Efficiency vs. Output Current with Smallest External Components
Table 5. Recommended Smallest Components
Part Number
Value
Code
Rating
Size
Manufacturer
C1
GRM188R61A225KE34
2.2µF
X5R
10V
0603
Murata
www.murata.com
C2
GRM188R60J475KE19
4.7µF
X5R
6.3V
0603
L1
LQM31PN2R2M00
2.2µH
238m
Ω
0.9A
1206
AS1329
C2
4.7µF
R2
k
Ω
R1
k
Ω
On
Off
L1
2.2µH
2xAA Battery
C1
2.2µF
VOUT = 5V
GND
2
SW
1
4
SHDNN
3
FB
5
VOUT
6
VIN
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
Vi n =3.3V
Vi n =3.5V
Vi n =3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com