Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1329 Datasheet(PDF) 5 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 5 Page - ams AG

  AS1329_13 Datasheet HTML 1Page - ams AG AS1329_13 Datasheet HTML 2Page - ams AG AS1329_13 Datasheet HTML 3Page - ams AG AS1329_13 Datasheet HTML 4Page - ams AG AS1329_13 Datasheet HTML 5Page - ams AG AS1329_13 Datasheet HTML 6Page - ams AG AS1329_13 Datasheet HTML 7Page - ams AG AS1329_13 Datasheet HTML 8Page - ams AG AS1329_13 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
5 - 20
AS1329
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
All measurements are performed with AS1329A, VOUT = 3.3V, TAMB = +25ºC, unless otherwise specified.
Parts used for measurements: L= 10µH (MOS6020-103ML), CIN and COUT = 10µF (GRM31CR70J106KA01L)
Figure 3. VOUT vs. Battery Voltage; IOUT = 10mA
Figure 4. VOUT vs. Temperature; IOUT = 10mA
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
Battery Voltage (V)
3.24
3.26
3.28
3.3
3.32
3.34
3.36
-50
-25
0
25
50
75
100
Temperature (°C)
Figure 5. Startup Voltage vs. Output Current
Figure 6. Powersave threshold vs. Input Voltage
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.1
1
10
100
Output Current (mA)
Vout =3.3V
Vout =5.0V
0
20
40
60
80
100
120
1
1.25
1.5
1.75
2
2.25
2.5
Battery Voltage (V)
AS1329A
AS1329B
Figure 7. IOUT vs. VBATT; VOUT = 3.3V, 3% Tolerance
Figure 8. IOUT vs. VBATT; VOUT = 5.0V, 3% Tolerance
0
100
200
300
400
500
600
700
800
900
1000
0.5
1
1.5
2
2.5
3
Battery Voltage (V)
0
100
200
300
400
500
600
700
800
900
0.5
1
1.5
2
2.5
3
3.5
4
Battery Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com