Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1329 Datasheet(PDF) 4 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 4 Page - ams AG

  AS1329_13 Datasheet HTML 1Page - ams AG AS1329_13 Datasheet HTML 2Page - ams AG AS1329_13 Datasheet HTML 3Page - ams AG AS1329_13 Datasheet HTML 4Page - ams AG AS1329_13 Datasheet HTML 5Page - ams AG AS1329_13 Datasheet HTML 6Page - ams AG AS1329_13 Datasheet HTML 7Page - ams AG AS1329_13 Datasheet HTML 8Page - ams AG AS1329_13 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
4 - 20
AS1329
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = -40°C to +85ºC, VIN = +1.2V, VOUT = +3.3V, VSHDNN = +1.2V (unless otherwise specified). Typ values @ TAMB = +25ºC.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Minimum Start-Up Voltage
ILOAD = 1mA
0.85
1
V
Minimum Operating Voltage
SHDNN = VIN
1
1. Minimum VIN operation after start-up is only limited by the battery’s ability to provide the necessary power as it enters a deeply dis-
charged state.
0.65
0.85
V
Maximum Operating Voltage
SHDNN = VIN
1
5
V
Output Voltage Adjust Range
TAMB = 25ºC
2.5
5
V
VFB
Feedback Voltage
TAMB = TMIN to TMAX
1.192
1.23
1.268
V
IFB
Feedback Input Current
VFB = 1.25V
2
2. Specification is guaranteed by design and not 100% production tested.
1
nA
IQPWS
Quiescent Current
(Powersave Operation)
VFB = 1.4V
3
, AS1329A only
3. IQPWS is measured at VOUT. Multiply this value by VOUT/VIN to get the equivalent input (battery) current.
30
50
µA
ISHDNN
Shutdown Current
VSHDNN = 0V
0.01
1
µA
IQ
Quiescent Current (Active)
VFB = 1.4V
3
, AS1329B&C only
150
300
µA
INMOSSWL
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
IPMOSSWL
PMOS Switch Leakage
VSW = 0V
0.1
5
µA
RONNMOS
NMOS Switch On Resistance
VOUT = 3.3V
0.35
0.8
Ω
VOUT = 5V
4
4. Specification is guaranteed by design and not 100% production tested.
0.20
0.7
RONPMOS
PMOS Switch On Resistance
VOUT = 3.3V
0.45
0.8
Ω
VOUT = 5V
4
0.30
0.7
INMOS
NMOS Current Limit
VIN = 2.5V
850
mA
IPS
Powersave Operation Current
Threshold
AS1329A only
2
3
mA
AS1329B only
2
0.3
mA
Max Duty Cycle
VFB = 1V, TAMB = TMIN to TMAX
80
87
%
fSW
Switching Frequency
TAMB = 25ºC
0.95
1.2
1.5
MHz
TAMB = TMIN to TMAX
0.85
1.2
1.5
VSHDNNH
SHDNN Input High
1
V
VSHDNNL
SHDNN Input Low
0.35
V
ISHDNN
SHDNN Input Current
VSHDNN = 5.0V
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com