Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1329 Datasheet(PDF) 2 Page - ams AG

Part # AS1329
Description  Low Vol tage, Micropower, DC-DC Step-Up Conver ters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1329 Datasheet(HTML) 2 Page - ams AG

  AS1329_13 Datasheet HTML 1Page - ams AG AS1329_13 Datasheet HTML 2Page - ams AG AS1329_13 Datasheet HTML 3Page - ams AG AS1329_13 Datasheet HTML 4Page - ams AG AS1329_13 Datasheet HTML 5Page - ams AG AS1329_13 Datasheet HTML 6Page - ams AG AS1329_13 Datasheet HTML 7Page - ams AG AS1329_13 Datasheet HTML 8Page - ams AG AS1329_13 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ams.com/DC-DC_Step-Up/AS1329
Revision 1.12
2 - 20
AS1329
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
SW
Switch Pin. Connect an inductor between this pin and VIN. Keep the PCB trace lengths as
short and wide as is practical to reduce EMI and voltage overshoot. If the inductor current
falls to zero, or pin SHDNN is low, an internal 100
Ω anti-ringing switch is connected from this
pin to VIN to minimize EMI.
Note:
An optional Schottky diode can be connected between this pin and VOUT.
2
GND
Signal and Power Ground. Provide a short, direct PCB path between this pin and the
negative side of the output capacitor(s).
3
FB
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider tap to this
pin. The output voltage can be adjusted from 2.5 to 5V by: VOUT = 1.23V[1 + (R1/R2)]
4
SHDNN
Shutdown Pin. Logic controlled shutdown input.
1 = Normal operation, 1.2MHz typical operating frequency.
0 = Shutdown; quiescent current <1µA. If SHDNN is undefined, pin SW may ring.
Note:
In a typical application, SHDNN should be connected to VIN through a 1M
Ω pull-up
resistor.
5
VOUT
Output Voltage Sense Input and Drain of the Internal PMOS Synchronous Rectifier.
Bias is derived from VOUT when VOUT exceeds VIN. PCB trace length from VOUT to the
output filter capacitor(s) should be as short and wide as is practical.
6
VIN
Input Voltage. The AS1329 gets its start-up bias from VIN unless VOUT exceeds VIN, in
which case the bias is derived from VOUT. Thus, once started, operation is completely
independent from VIN. Operation is only limited by the output power level and the internal
series resistance of the supply.
1
SW
AS1329
2
GND
3
FB
6 VIN
5 VOUT
4 SHDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com