Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1358 Datasheet(PDF) 13 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 13 Page - ams AG

Back Button AS1358 Datasheet HTML 9Page - ams AG AS1358 Datasheet HTML 10Page - ams AG AS1358 Datasheet HTML 11Page - ams AG AS1358 Datasheet HTML 12Page - ams AG AS1358 Datasheet HTML 13Page - ams AG AS1358 Datasheet HTML 14Page - ams AG AS1358 Datasheet HTML 15Page - ams AG AS1358 Datasheet HTML 16Page - ams AG AS1358 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.5
12 - 16
AS1358 / AS1359
Datasheet - Application In form atio n
9.6.2 Output Capacitor ESR
The series regulator is a negative feedback amplifier, and as such is conditionally stable. The ESR of the output capacitor is usually used to
cancel one of the open loop poles of the error amplifier in order to produce a single pole response. Excessive ESR values may actually cause
instability by excessive changes to the closed loop unity gain frequency crossover point. The range of ESR values for stability is usually shown
either by a plot of stable ESR versus load current, or a limit statement in the datasheet.
Some ceramic capacitors exhibit large capacitance and ESR variations with temperature. Z5U and Y5V capacitors may be required to ensure
stability at temperatures below TAMB = -10ºC. With X7R or X5R capacitors, a 1.0µF capacitor should be sufficient at all operating temperatures.
Larger output capacitor values (2.2µF max) help to reduce noise and improve load transient-response, stability and power-supply rejection.
9.6.3 Input Capacitor
An input capacitor at VIN is required for stability. It is recommended that a 1.0µF capacitor be connected between the AS1358 / AS1359 power
supply input pin VIN and ground (capacitance value may be increased without limit subject to ESR limits). This capacitor must be located at a
distance of not more than 1cm from the VIN pin and returned to a clean analog ground. Any good quality ceramic, tantalum, or film capacitor may
be used at the input.
9.6.4 Noise
The regulator output is a DC voltage with noise superimposed on the output. The noise comes from three sources; the reference, the error
amplifier input stage, and the output voltage setting resistors. Noise is a random fluctuation and if not minimized in some applications, will
produce system problems. The AS1358/9 architecture provides enhance noise reduction when an external 10nF capacitor is connected between
Bypass and Output pins, and 1µF connected as the output capacitor.
The leakage current going into the BYPASS pin should be less than 10nA. Increasing the capacitance slightly decreases the output noise.
Values above 0.1µF and below 0.001µF are not recommended.
9.6.5 Transient Response
The series regulator is a negative feedback system, and therefore any change at the output will take a finite time to be corrected by the error
loop. This “propagation time” is related to the bandwidth of the error loop. The initial response to an output transient comes from the output
capacitance, and during this time, ESR is the dominant mechanism causing voltage transients at the output. More generally:
Units are Volts, Amps, Ohms.
(EQ 14)
Thus an initial +50mA change of output current will produce a -12mV transient when the ESR=240m
. Remember to keep the ESR within
stability recommendations when reducing ESR by adding multiple parallel output capacitors.
After the initial ESR transient, there follows a voltage droop during the time that the LDO feedback loop takes to respond to the output change.
This drift is approximately linear in time and sums with the ESR contribution to make a total transient variation at the output of:
Units are Volts, Seconds, Farads, Ohms.
(EQ 15)
Where:
CLOAD is output capacitor
T = Propagation delay of the LDO
This shows why it is convenient to increase the output capacitor value for a better support for fast load changes. Of course the formula holds for
t < “propagation time”, so that a faster LDO needs a smaller cap at the load to achieve a similar transient response. For instance 50mA load
current step produces 50mV output drop if the LDO response is 1usec and the load cap is 1µF.
There is also a steady state error caused by the finite output impedance of the regulator. This is derived from the load regulation specification
discussed above.
9.6.6 Turn On Time
This specification defines the time taken for the LDO to awake from shutdown. The time is measured from the release of the enable pin to the
time that the output voltage is within 5% of the final value. It assumes that the voltage at VIN is stable and within the regulator Min and Max limits.
Shutdown reduces the quiescent current to very low, mostly leakage values (<1µA).
9.6.7 Thermal Protection
To prevent operation under extreme fault conditions, such as a permanent short circuit at the output, thermal protection is built into the device.
Die temperature is measured, and when a 160ºC threshold is reached, the device enters shutdown. When the die cools sufficiently, the device
will restart (assuming input voltage exists and the device is enabled). Hysteresis of 15ºC prevents low frequency oscillation between start-up and
shutdown around the temperature threshold.
V
TRANSIENT
I
OUTPUT
RESR
=
V
TRANSIENT
I
OUTPUT
=
RESR
T
CLOAD
----------------
+





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com