Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1358 Datasheet(PDF) 16 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 16 Page - ams AG

Back Button AS1358 Datasheet HTML 9Page - ams AG AS1358 Datasheet HTML 10Page - ams AG AS1358 Datasheet HTML 11Page - ams AG AS1358 Datasheet HTML 12Page - ams AG AS1358 Datasheet HTML 13Page - ams AG AS1358 Datasheet HTML 14Page - ams AG AS1358 Datasheet HTML 15Page - ams AG AS1358 Datasheet HTML 16Page - ams AG AS1358 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.austriamicrosystems.com
Revision 1.5
15 - 16
AS1358 / AS1359
Datasheet - Orderin g Info r m ation
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Non-standard devices from 1.5V to 4.5V are available in 50mV steps. For more information and inquiries contact
http://www.austriamicrosystems.com/contact
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 5. Ordering Information
Ordering Code
Marking
Output Current
Output Voltage
Delivery Form
Package
AS1358-BTTT-15
ASLI
150mA
1.5V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-18
ASLJ
150mA
1.8V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-25
ASLK
150mA
2.5V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-26
ASLL
150mA
2.6V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-27
ASLM
150mA
2.7V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-28
ASLN
150mA
2.8V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-285
ASLO
150mA
2.85V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-30
ASLP
150mA
3.0V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-33
ASLQ
150mA
3.3V
Tape and Reel
TSOT23 5-pin
AS1358-BTTT-45
ASLR
150mA
4.5V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-15
ASLS
300mA
1.5V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-18
ASLT
300mA
1.8V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-25
ASLU
300mA
2.5V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-26
ASLV
300mA
2.6V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-27
ASLW
300mA
2.7V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-28
ASLX
300mA
2.8V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-285
ASLY
300mA
2.85V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-30
ASLZ
300mA
3.0V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-31
ASSA
300mA
3.1V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-33
ASL0
300mA
3.3V
Tape and Reel
TSOT23 5-pin
AS1359-BTTT-45
ASL1
300mA
4.5V
Tape and Reel
TSOT23 5-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com