Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1358 Datasheet(PDF) 3 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 3 Page - ams AG

  AS1358 Datasheet HTML 1Page - ams AG AS1358 Datasheet HTML 2Page - ams AG AS1358 Datasheet HTML 3Page - ams AG AS1358 Datasheet HTML 4Page - ams AG AS1358 Datasheet HTML 5Page - ams AG AS1358 Datasheet HTML 6Page - ams AG AS1358 Datasheet HTML 7Page - ams AG AS1358 Datasheet HTML 8Page - ams AG AS1358 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com
Revision 1.5
2 - 16
AS1358 / AS1359
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1IN
Unregulated Input Supply.
2GND
Ground. Provides the electrical connection to system ground and also serves as a heat sink.
Connect pin GND to the system ground using a large pad or ground plane.
3
SHDNN
Shutdown. Pull this pin low to disable the LDO.
4
BYPASS
Noise Bypass for Low-Noise Operation. Connect a 10nF capacitor from this pin to OUT.
Note: This pin is shorted to GND in shutdown mode.
5OUT
Regulated Output Voltage. Bypass this pin with a capacitor to GND.
3
SHDNN
2
GND
1
IN
4 BYPASS
5OUT
TSOT23 5-pin
AS1358 /
AS1359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com