Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1358 Datasheet(PDF) 5 Page - ams AG

Part # AS1358
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1358 Datasheet(HTML) 5 Page - ams AG

  AS1358 Datasheet HTML 1Page - ams AG AS1358 Datasheet HTML 2Page - ams AG AS1358 Datasheet HTML 3Page - ams AG AS1358 Datasheet HTML 4Page - ams AG AS1358 Datasheet HTML 5Page - ams AG AS1358 Datasheet HTML 6Page - ams AG AS1358 Datasheet HTML 7Page - ams AG AS1358 Datasheet HTML 8Page - ams AG AS1358 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com
Revision 1.5
4 - 16
AS1358 / AS1359
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed by production tests or SQC (Statistical Quality Control)
methods.
VIN = VOUT +0.5V, CIN = 1µF, COUT = 1µF, CBYPASS = 10nF, TAMB = -40 to +85ºC (unless otherwise specified).
Typical values are at TAMB = +25ºC.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage Range
2
5.5
V
Output Voltage Accuracy
IOUT = 1mA, TAMB = +25ºC
-0.5
+0.5
%
IOUT = 100µA to 150mA,
TAMB = +25ºC (AS1358)
-0.75
+0.75
IOUT = 100µA to 300mA,
TAMB = +25ºC (AS1359)
-1.0
+1.0
IOUT = 100µA to 150mA, (AS1358)
-1.5
+1.5
IOUT = 100µA to 300mA, (AS1359)
-2.0
+2.0
IOUT
Maximum Output Current
AS1358
150
mA
AS1359
300
ILIMIT
Current Limit
AS1358, OUT = 90% of nom., TAMB = +25ºC
270
mA
AS1359, OUT = 90% of nom., TAMB = +25ºC
510
Dropout Voltage
1
1. Dropout is defined as VIN - VOUT when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V
VOUT
 3V, IOUT = 150mA
70
95
mV
VOUT
 3V, IOUT = 300mA, (AS1359 only)
140
200
2.5V
VOUT  3V, IOUT = 150mA
90
120
2.5V
VOUT  3V, IOUT = 300mA,
(AS1359 only)
170
230
2.0V
VOUT  2.5V, IOUT = 150mA
140
190
2.0V
VOUT  2.5V, IOUT = 300mA,
(AS1359 only)
270
350
IQ
Quiescent Current
IOUT = 0.05mA
40
90
µA
VIN = VOUTNOM - 0.1V, IOUT = 0mA
150
250
VLNR
Line Regulation
VIN = (VOUT +0.5V) to 5.5V, IOUT = 0.1mA
0.02
%/V
VLDR
Load Regulation
IOUT = 1 to 150mA / 300mA
0.0005
%/mA
ISHDNN
Shutdown Supply Current
SHDNN = 0V
9
500
nA
PSRR
Ripple Rejection
f = 1kHz, IOUT = 10mA
92
dB
f = 10kHz, IOUT = 10mA
80
f = 100kHz, IOUT = 10mA
62
Output Noise Voltage (RMS)
f = 100Hz to 100kHz,
ILOAD = 0 to 150mA / 300mA
9µV
Shutdown
Shutdown Exit Delay
2
2. Time needed for VOUT to reach 90% of final value
RLOAD = 50
300
µs
SHDNN Logic Low Level
VIN = 2V to 5.5V
0.4
V
SHDNN Logic High Level
VIN = 2V to 5.5V
1.5
V
Thermal Protection
TSHDNM
Thermal Shutdown Temperature
160
ºC
TSHDNM
Thermal Shutdown Hysteresis
15
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com