Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1375 Datasheet(PDF) 9 Page - ams AG

Part # AS1375
Description  1A Quiescent Current, 200mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1375 Datasheet(HTML) 9 Page - ams AG

Back Button AS1375 Datasheet HTML 3Page - ams AG AS1375 Datasheet HTML 4Page - ams AG AS1375 Datasheet HTML 5Page - ams AG AS1375 Datasheet HTML 6Page - ams AG AS1375 Datasheet HTML 7Page - ams AG AS1375 Datasheet HTML 8Page - ams AG AS1375 Datasheet HTML 9Page - ams AG AS1375 Datasheet HTML 10Page - ams AG AS1375 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.austriamicrosystems.com/LDOs/AS1375
Revision 1.02
8 - 10
AS1375
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The device is available in a 6-pin TDFN 2x2mm package.
Figure 9. 6-pin TDFN 2x2mm Package Diagram
Note:
1. All dimensions are in millimeters, angle is in degrees (°).
2. N is the total number of terminals.
3. The location of the terminal #1 identifier and terminal numbering convention conforms to JEDEC publication 95
SPP-002.
4. ND and NE refer to the number of terminals on each D and E side respectively.
5. NJR refer to non jedec registered.
6. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal
tip. If the terminal has the optional radius on the other end of the terminal, the dimension B should not be mea-
sured in that radius area.
7. Coplanarity applies to the terminals and all other bottom surface metallization.
Table 4. 4-bumps WL-CSP package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
0.51
0.55
0.60
D BSC
1.95
2.00
2.05
A1
0.00
0.02
0.05
E BSC
1.95
2.00
2.05
A3
0.15 REF
D2
1.30
1.45
1.55
b
0.20
0.25
0.32
E2
0.85
1.00
1.10
e
0.50
L
0.15
0.25
0.35
aaa
0.15
k
0.20
bbb
0.10
ND
3
ccc
0.10
N
6
D/2
D
B
aaa C
A
INDEX AREA
D/2 x E/2
TOP VIEW
SEATING
PLANE
SIDE VIEW
D2
b
bbb
C A B
INDEX AREA
(D/2 x E/2)
BOTTOM VIEW
e
Terminal Tip
EXPOSED PAD
B
0.08 C
ccc C
PIN#1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com