Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1375 Datasheet(PDF) 3 Page - ams AG

Part # AS1375
Description  1A Quiescent Current, 200mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1375 Datasheet(HTML) 3 Page - ams AG

  AS1375 Datasheet HTML 1Page - ams AG AS1375 Datasheet HTML 2Page - ams AG AS1375 Datasheet HTML 3Page - ams AG AS1375 Datasheet HTML 4Page - ams AG AS1375 Datasheet HTML 5Page - ams AG AS1375 Datasheet HTML 6Page - ams AG AS1375 Datasheet HTML 7Page - ams AG AS1375 Datasheet HTML 8Page - ams AG AS1375 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.austriamicrosystems.com/LDOs/AS1375
Revision 1.02
2 - 10
AS1375
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
IN
1
Input Supply
EN
3
Enable Input. A logic low disables the regulator. Connect to pin IN for
normal operation.
GND
2, 4, 5
Ground
OUT
6
Regulated Output Voltage. Current flowing out of this pin is equivalent DC
load current.
Exposed Pad
7
Ground. This pin also functions as a heat sink. Solder to a large pad or the
circuit-board ground plane to maximize power dissipation.
3
EN
2
GND
1
IN
6OUT
AS1375
5GND
4GND
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com