Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1375 Datasheet(PDF) 2 Page - ams AG

Part # AS1375
Description  1A Quiescent Current, 200mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1375 Datasheet(HTML) 2 Page - ams AG

  AS1375 Datasheet HTML 1Page - ams AG AS1375 Datasheet HTML 2Page - ams AG AS1375 Datasheet HTML 3Page - ams AG AS1375 Datasheet HTML 4Page - ams AG AS1375 Datasheet HTML 5Page - ams AG AS1375 Datasheet HTML 6Page - ams AG AS1375 Datasheet HTML 7Page - ams AG AS1375 Datasheet HTML 8Page - ams AG AS1375 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AS1375
1µA Quiescent Current, 200mA LDO
www.austriamicrosystems.com/LDOs/AS1375
Revision 1.02
1 - 10
Data sheet
1 General Description
The AS1375 low-power, positive voltage regulator is
designed to deliver up to 200mA, while consuming only
1µA (typ.) of quiescent current. The device is available
in fixed output voltages between 1.2V and 5.0V
(programmable in 50mV steps). The input voltage
ranges from 2V to 5.5V. Operation with large input to
output differential voltages is limited by the maximum
power
dissipation
available
from
package
and
environment.
The very-low dropout voltage prolongs battery life and
allows high current in small applications when operated
with minimum input-to-output voltage differentials. The
device features very stable output voltage, strict output
voltage regulation tolerances (±1%), and excellent line-
and load-regulation.
The device features integrated short-circuit and over
current protection. Under-Voltage lockout prevents
erratic operation when the input voltage is slowly
decaying. Thermal Protection shuts down the device
when die temperature reaches 160°C. This is a useful
protection when the device is under sustained short
circuit conditions.
The AS1375 is available in an 6-pin TDFN 2x2mm
package and is qualified for -40°C to +85°C operation.
2 Key Features
!
Input Voltage: 2V to 5.5V
!
Low Dropout Voltage: 120mV @ 200mA load
!
Output Voltage Range: 1.2V to 5.0V (50mV steps)
!
Max. Output Current: 200mA
!
Very Low Quiescent Current: 1µA
!
Output Voltage Accuracy: ±1%
!
Low Shutdown Current: 10nA (typ.)
!
Integrated Overtemperature/Overcurrent Protection
!
Under-Voltage Lockout Feature
!
Enable Input
!
Minimal External Components Required
!
Operating Temperature Range: -40°C to +85°C
!
6-pin TDFN 2x2mm Package
3 Applications
The device is perfectly suited for wireless handsets,
smartphones, PDAs, MP3 players, and other battery-
operated handheld devices, where the regulators have
to be always on.
Figure 1. AS1375 - Typical Application Diagram
Input
2V to 5.5V
CIN
1
µF
ON /
OFF
COUT
1µF
Output
1.2V to 5V
IN
EN
GND
OUT
AS1375



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com