Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1375 Datasheet(PDF) 6 Page - ams AG

Part # AS1375
Description  1A Quiescent Current, 200mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1375 Datasheet(HTML) 6 Page - ams AG

Back Button AS1375 Datasheet HTML 2Page - ams AG AS1375 Datasheet HTML 3Page - ams AG AS1375 Datasheet HTML 4Page - ams AG AS1375 Datasheet HTML 5Page - ams AG AS1375 Datasheet HTML 6Page - ams AG AS1375 Datasheet HTML 7Page - ams AG AS1375 Datasheet HTML 8Page - ams AG AS1375 Datasheet HTML 9Page - ams AG AS1375 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.austriamicrosystems.com/LDOs/AS1375
Revision 1.02
5 - 10
AS1375
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VIN = 3.5V, VOUT = 3.0V, TAMB = +25°C (unless otherwise specified).
Figure 3. Line Regulation
Figure 4. Load Regulation
2.95
2.975
3
3.025
3.05
3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
Iout = 0.1mA
Iout = 10mA
Iout 0 100mA
Iout = 200mA
2.95
2.975
3
3.025
3.05
0
25
50
75
100 125 150 175 200
Output Current (mA)
Figure 5. Ground Pin Current vs. Output Current
Figure 6. Ground Pin Current vs. Input Voltage
1
1.25
1.5
1.75
2
2.25
2.5
0
25
50
75
100
125
150 175
200
Output Current (mA)
1
1.25
1.5
1.75
2
2.25
2.5
3.5
3.75
4
4.25
4.5 4.75
5
5.25
5.5
Input Voltage (V)
Iout = 0.1mA
Iout = 100mA
Iout = 200mA
Figure 7. Output Voltage vs. Input Voltage - Dropout
2.9
2.92
2.94
2.96
2.98
3
3.02
3.04
3.06
2.9
3
3.1
3.2
3.3
3.4
3.5
Input Voltage (V)
Iload = 100mA
Iload = 200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com