Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3647 Datasheet(PDF) 13 Page - ams AG

Part # AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Datasheet(HTML) 13 Page - ams AG

Back Button AS3647 Datasheet HTML 9Page - ams AG AS3647 Datasheet HTML 10Page - ams AG AS3647 Datasheet HTML 11Page - ams AG AS3647 Datasheet HTML 12Page - ams AG AS3647 Datasheet HTML 13Page - ams AG AS3647 Datasheet HTML 14Page - ams AG AS3647 Datasheet HTML 15Page - ams AG AS3647 Datasheet HTML 16Page - ams AG AS3647 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
12 - 37
AS3647/47B
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
The AS3647/47B is a high performance DCDC step up converter with internal PMOS and NMOS switches. Its output is
connected to one flash LED with an internal current sink. The device is controlled by the pins SDA and SCL in I
2C
mode.
The actual operating mode like standby, assist light, indicator or flash mode, can then be chosen by the interface. If not
in standby mode, the device automatically enters shutdown mode by keeping SCL low for more than tTIMEOUT
1.
The AS3647/47B includes a fixed frequency DCDC step-up with accurate startup control. Together with the current
sink (on LED_OUT1/2) it includes several protection and safety functions.
Internal Circuit Diagram
Figure 17. Internal circuit Diagram
Softstart / Soft ramp down
During startup and ramp down the LED current is smoothly ramped up and ramped down. If the DCDC converter goes
out of regulation (measured by monitoring the voltage across the current sinks), the ramp up is temporarily stopped in
order for the DCDC to return to regulation
2.
1. Following registers are reset to their default value if the timeout expires: out_on=0, ext_torch_on=00,
mode_setting=00, const_v_mode=0.
2. The actual value of the LED current setting can be readout by the register led_current_actual (see page
28) to allow the camera processor to adopt to the actual operating conditions.


! 
"
! 
#
!
$
%
%
!

&
 ''
()'*(
'+,'
,*&&-,
 
'%
*
.)
-
%/
+,*
'
! 
 " $
,0+'+,
-
+,
1
1
,0+
 
1
/
'%*
'+,
&
2

'
-
 '
'0%3&
4
4%3&

!
.
)
+5
"
!
/&4'
#"
"
AS3647/47B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com