Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3647 Datasheet(PDF) 25 Page - ams AG

Part # AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Datasheet(HTML) 25 Page - ams AG

Back Button AS3647 Datasheet HTML 21Page - ams AG AS3647 Datasheet HTML 22Page - ams AG AS3647 Datasheet HTML 23Page - ams AG AS3647 Datasheet HTML 24Page - ams AG AS3647 Datasheet HTML 25Page - ams AG AS3647 Datasheet HTML 26Page - ams AG AS3647 Datasheet HTML 27Page - ams AG AS3647 Datasheet HTML 28Page - ams AG AS3647 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
24 - 37
AS3647/47B
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 9. TXMask Register
Addr: 3
TXMask Register
This register defines the TXMask settings and coil peak current
Bit
Bit Name
Default Access
Description
1:0
ext_torch_on
00
R/W
Defines operating mode for input pin TXMASK/TORCH
00
pin has no effect
01
txmask-mode; during flash if TXMASK/TORCH=1, the
LED current is set to flash_txmask_current - (see
TXMASK on page 16)
10
external torch mode: if TXMASK/TORCH=1 and
mode_setting=00, the AS3647/47B is set into external
torch mode (LED current is defined by the 7LSB
1 bits
of led_current )
11
don’t use
3:2
coil_peak
10
R/W
Defines the maximum coil current (parameter ILIMIT)
00
ILIMIT = 2.0A
01
ILIMIT = 2.5A
10
ILIMIT = 3.0A
11
ILIMIT = 3.5A
7:4
flash_txmask_current
2
6h
R/W
Define the current on pin LED_OUT1/2 in flash mode if
ext_torch_on=01 and TXMASK/TORCH=1
0h
0mA
1h
100mA
2h
201mA
3h
301mA
4h
402mA
5h
502mA
6h
602mA - default
7h
703mA
8h
803mA
9h
904mA
Ah
1004mA
Bh
1104mA
Ch
1205mA
Dh
1305mA
Eh
1405mA
Fh
1506mA
1. The MSB bit of this register not used to protect the LED; therefore the maximum current = half the maximum
flash current
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com