Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3647 Datasheet(PDF) 30 Page - ams AG

Part # AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Datasheet(HTML) 30 Page - ams AG

Back Button AS3647 Datasheet HTML 26Page - ams AG AS3647 Datasheet HTML 27Page - ams AG AS3647 Datasheet HTML 28Page - ams AG AS3647 Datasheet HTML 29Page - ams AG AS3647 Datasheet HTML 30Page - ams AG AS3647 Datasheet HTML 31Page - ams AG AS3647 Datasheet HTML 32Page - ams AG AS3647 Datasheet HTML 33Page - ams AG AS3647 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
29 - 37
AS3647/47B
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Register Map
Table 21. Register Map
1
1. Always write’0’ to undefined register bits (e.g. to bits 4..7 of register 6)
Register
Definition
Addr
Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
ChipID
0
Bxh
fixed_id
version
Current Set
1
9Ch
led_current
TXMask
3
68h
flash_txmask_current
coil_peak
ext_torch_on
Low Voltage
4
2Ch
const_v
_mode
vin_low
_v_shut
down
vin_low_v
vin_low_v_run
Flash Timer
5
23h
flash_timeout
Control
6
00h
out_on reserve
d
mode_setting
Strobe Signalling
7
C0h
strobe_
on
strobe_t
ype
Fault
8
00h
fault_ov
p
fault_le
d_short
fault_ov
ertemp
fault_ti
meout
fault_tx
mask
reserve
d
reserve
d
fault_uvl
o
PWM and
Indicator
900h
freq_swi
tch_on
inct_pwm
Minimum LED
Current
Eh
00h
led_current_min
Actual LED
Current
Fh
00h
led_current_actual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com