Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3647 Datasheet(PDF) 14 Page - ams AG

Part # AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Datasheet(HTML) 14 Page - ams AG

Back Button AS3647 Datasheet HTML 10Page - ams AG AS3647 Datasheet HTML 11Page - ams AG AS3647 Datasheet HTML 12Page - ams AG AS3647 Datasheet HTML 13Page - ams AG AS3647 Datasheet HTML 14Page - ams AG AS3647 Datasheet HTML 15Page - ams AG AS3647 Datasheet HTML 16Page - ams AG AS3647 Datasheet HTML 17Page - ams AG AS3647 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
13 - 37
AS3647/47B
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
4MHz/1MHz Operating Mode Switching
If freq_switch_on (see page 28)=1 and in flash and assist light mode (indicator mode or low current mode using PWM
mode -see mode_setting (page 26) - always will use pulseskip) if led_current>=40h , the DCDC converter always oper-
ates in PWM mode (exception: PFM mode is allowed during startup) to reduce EMI in EMI sensitive systems. For flash
and assist light mode and high duty cycles close to 100% on-time (maximum duty cycle) of the PMOS, the DCDC con-
verter can switch into a 1MHz operating mode and maximum duty cycle to improve efficiency for this load condition
3.
The DCDC converter returns back to its normal 4MHz operating frequency when load or supply conditions change.
Due to this switching between two fixed frequencies the noise spectrum of the system is exactly defined and predict-
able. If improved efficiency is required, the fixed switching between 1MHz / 4MHz can be disabled by freq_switch_on
(see page 28)=0. In this case pulseskip will be used.
The internal circuit for switching between these two frequencies is shown in Figure 18:
Figure 18. Internal circuit of 4MHz/1Mhz selection
Note: For simplicity Figure 18 shows only a single current sink.
Protection and Fault Detection Functions
The protection functions protect the AS3647/47B and the LED(s) against physical damage. In most cases a Fault reg-
ister bit is set, which can be readout by the I
2C interface. The fault bits are automatically cleared by a I2C readout of the
fault register. Additionally the DCDC is stopped and the current sinks are disabled
4 by resetting out_on=0,
mode_setting=00 and ext_torch_on=00.
Overvoltage Protection
In case of no or a broken LED(s) at the pin LED_OUT1/2 and an enabled DCDC converter, the voltage on VOUT1/2
rises until it reaches VVOUTMAX (overvoltage condition) and the voltage across the current source is below low_vds
5.,
the DCDC converter is stopped, the current sources are disabled and the bit fault_ovp (see page 27) is set
6.
3. Efficiency compared to a 4MHz only DCDC converter forced to operate with minimum duty cycle.
4. Applies for all faults except TXMASK event occurred
5. If overvoltage is reached, but none of the low_vds comparator(s) triggers, VOUT1/2 is still regulated below
VVOUTMAX.
6. In constant voltage mode (5V generation, register bit const_v_mode=1) this fault is disabled.
 

 
 
  
!
"
"

&%
'( ))
* + ,-


$. !'/
#0 $. !  #0 $. /
%!'/
$.  1
$2 #0
345 26
AS3647/47B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com