Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 2 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 2 Page - ams AG

  AS3691 Datasheet HTML 1Page - ams AG AS3691 Datasheet HTML 2Page - ams AG AS3691 Datasheet HTML 3Page - ams AG AS3691 Datasheet HTML 4Page - ams AG AS3691 Datasheet HTML 5Page - ams AG AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
1 - 22
1
General Description
The AS3691 (AS3691A and AS3691B) features four
high precision current sources for lighting of up to
four LED strings (RGB or single color leds). Each
of the four currents sources can be controlled
independently by PWM inputs.
The full scale
current value is set by external resistors.
2
Key Features
4 x up to 0.4A constant current outputs
Programmable with external resistors
4 independent PWM inputs
Absolute current accuracy +/-0.5%
’Automatic Supply Regulation’ to reduce power
dissipation
1)
1) Patent Pending
Very wide output voltage current source
voltage compliance
−
Down to 0.41V
−
Up to 15V
2)
Integrated overtemperature protection
Separate sense pads (Rfb1-Rfb4) for easy and
precise PCB Layout
Package
−
DIE
−
QFN24 4x4mm
−
eP-TSSOP
2) 15V is sufficient for most applications as the
AS3691 dose not switch off the LED current
completely
3
Applications
General Lighting
Backlighting
RGB Backlighting for LCD TV/Monitors with
White Color Balancing
4
Application Diagrams
Figure
1 – Application Diagram of AS3691 for Single Color Lighting
VSS
VSS
VDD
VDD
Ri1
Ri2
Ri3
Ri4
Rvdd
Cvdd
100nF
UV
UV
PWM
PWM
Ref
Overtemp
AS3691
T1
T2
T3
T4
D1
R1
R2
R3
R4
VREG
VSS
ON1
ON2
ON3
ON4
CURR1
CURR2
CURR3
CURR4
RES1
RES2
RES3
RES4
I1
UV1
Vc
UV2
UV3
UV4
I2
I3
I4
Vc
Vc
Vc
RFB1
RFB2
RFB3
RFB4
Csup
100nF
Pad
Datasheet
AS3691
4 Precision 400mA Current Sources for RGB and Single Color Leds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com