Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 22 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 22 Page - ams AG

Back Button AS3691 Datasheet HTML 15Page - ams AG AS3691 Datasheet HTML 16Page - ams AG AS3691 Datasheet HTML 17Page - ams AG AS3691 Datasheet HTML 18Page - ams AG AS3691 Datasheet HTML 19Page - ams AG AS3691 Datasheet HTML 20Page - ams AG AS3691 Datasheet HTML 21Page - ams AG AS3691 Datasheet HTML 22Page - ams AG AS3691 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
21 - 22
11 Ordering Information
Table
7 – Ordering Information
Part Number
Marking
Package Type
Delivery Form
Description
AS3691A-ZQFP
AS3691A
1)
-or-
AS3691
1)
QFN 24
4x4mm
Tape and Reel
in Dry Pack
Package Size = 4x4x0.85mm,
Pitch = 0.5mm, Pb-Free;
10mV on VRES for ON=0
AS3691A-ZQFT
AS3691A
QFN 24
4x4mm
Trays
in Dry Pack
Package Size = 4x4x0.85mm,
Pitch = 0.5mm, Pb-Free;
10mV on VRES for ON=0
AS3691A-ZSDF
2) (AS3691A)
Sorted
Wafers
Cut Dies on Foil
Sorted Wafers;
10mV on VRES for ON=0
AS3691B-ZQFP
AS3691B
QFN 24
4x4mm
Tape and Reel
in Dry Pack
Package Size = 4x4x0.85mm,
Pitch = 0.5mm, Pb-Free;
0mV on VRES for ON=0
AS3691B-ZSDF
2) (AS3691B)
Sorted
Wafers
Cut Dies on Foil
Sorted Wafers;
0mV on VRES for ON=0
AS3691A-ZTSP
2)
AS3691A
ePTSSOP
Tape and Reel
in Dry Pack
Enhanced Power TSSOP (with power pad),
Body Size=4.4mm
Pitch = 0.65mm, Pb-Free;
10mV on VRES for ON=0
AS3691B-ZTSP
AS3691B
ePTSSOP
Tape and Reel
in Dry Pack
Enhanced Power TSSOP (with power pad),
Body Size=4.4mm
Pitch = 0.65mm, Pb-Free;
0mV on VRES for ON=0
Note:
1)
AS3691 with 10mV on VRES for ON=0 can be marked with ‘AS3691’ or ‘AS3691A’ (identical
behavior)
2)
Contact austriamicrosystems for availability
Description:
AS3691V-CPPD
V …
AS3691 Version, either A or B
AS3691A: 10mV on VRESx (x=1 to 4) if ONx = 0 (see ‘7 Detailed Functional Description’)
AS3691B: 0mV on VRESx (x=1 to 4) if ONx = 0 (see ‘7 Detailed Functional Description’)
C …
Temperature range -20
°C - 85°C
PP … Package; QF for QFN, SD for sorted DIEs, TS for enhanced Power TSSOP
D …
Delivery From; P for Tape&Reel in Dry Pack, F for cut dies on foil, T for Trays in Dry Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com