Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 4 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 4 Page - ams AG

  AS3691 Datasheet HTML 1Page - ams AG AS3691 Datasheet HTML 2Page - ams AG AS3691 Datasheet HTML 3Page - ams AG AS3691 Datasheet HTML 4Page - ams AG AS3691 Datasheet HTML 5Page - ams AG AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
3 - 22
Table of Contents
1
General Description ......................................................................................................................................... 1
2
Key Features.................................................................................................................................................... 1
3
Applications...................................................................................................................................................... 1
4
Application Diagrams ....................................................................................................................................... 1
5
Pinout............................................................................................................................................................... 4
5.1
Pin Assignments ....................................................................................................................................... 4
5.2
Pin Descriptions........................................................................................................................................ 4
6
Characteristics ................................................................................................................................................. 6
6.1
Absolute Maximum Ratings ...................................................................................................................... 6
6.2
Operating Conditions ................................................................................................................................ 6
6.3
Electrical Characteristics........................................................................................................................... 7
7
Typical Operation Characteristics .................................................................................................................... 8
8
Detailed Functional Description ..................................................................................................................... 12
8.1
Shunt Regulator...................................................................................................................................... 12
8.2
Overtemperature Protection.................................................................................................................... 12
8.3
Automatic Supply Regulation.................................................................................................................. 13
9
Application Information .................................................................................................................................. 14
9.1
Design Example...................................................................................................................................... 15
9.1.1
Using Automatic Supply Regulation................................................................................................. 16
9.2
Layout Recommendations ...................................................................................................................... 16
10
Package Drawings and Markings ............................................................................................................... 17
10.1 QFN 4x4 Package Drawings and Marking .............................................................................................. 17
10.2 ePTSSOP Package Drawings and Marking............................................................................................ 19
10.3 DIE Delivery............................................................................................................................................ 20
11
Ordering Information .................................................................................................................................. 21
Revision History
Revision
Date
Owner
Description
2.3
30.10.2007
ptr
- Added Trays as delivery option (order code AS3691A-
ZQFT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com