Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3691 Datasheet(PDF) 5 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 5 Page - ams AG

  AS3691 Datasheet HTML 1Page - ams AG AS3691 Datasheet HTML 2Page - ams AG AS3691 Datasheet HTML 3Page - ams AG AS3691 Datasheet HTML 4Page - ams AG AS3691 Datasheet HTML 5Page - ams AG AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
4 - 22
5
Pinout
5.1
Pin Assignments
Figure
3 – Pin Usage
Ref
Overtemp
AS3691
T1
T2
T3
T4
D1
R1
R2
R3
R4
VREG
VSS
ON1ON2
ON3ON4
CURR1
CURR2
CURR3
CURR4
RES1
RES2
RES3
RES4
I1
UV1
Vc
UV2
UV3
UV4
I2
I3
I4
Vc
Vc
Vc
RFB1
RFB2
RFB3
RFB4
Pad
5.2
Pin Descriptions
Table
1 – Pin Type Descriptions
Pin Type
Description
AI/O
Analog Pin
AI
Analog Input Pin
AO
Analog Output Pin
DI
Digital Input
S
Supply Pin
Table
2 – Pin Descriptions
Pin Number
QFN
Package
Pin Number
ePTSSOP
Package
Pin Name
Type
Description
1
10
CURR1
AI/O
Current Source 1 Output
2
11
RFB1
AI
Connect to current set resistor R1 directly at
resistor itself
3
12
nc
nc
Leave open
4
13
RFB4
AI
Connect to current set resistor R4 directly at
resistor itself
5
14
CURR4
AI/O
Current Source 4 Output
6
15
RES4
AI/O
Connect to current set resistor R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com