Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3931 Datasheet(PDF) 14 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 14 Page - ams AG

Back Button AS3931 Datasheet HTML 10Page - ams AG AS3931 Datasheet HTML 11Page - ams AG AS3931 Datasheet HTML 12Page - ams AG AS3931 Datasheet HTML 13Page - ams AG AS3931 Datasheet HTML 14Page - ams AG AS3931 Datasheet HTML 15Page - ams AG AS3931 Datasheet HTML 16Page - ams AG AS3931 Datasheet HTML 17Page - ams AG AS3931 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
13 - 30
AS3931
Datasheet - Detailed Descr i pti on
8 Detailed Description
8.1 Block Diagram
Figure 13. Block Diagram
8.2 Block Description
8.2.1 Antenna Rotator
In order to achieve an optimum assignment of the antennas to the receiving channels, the connection of the antennas to the channels can be
changed cyclically with a multiplexed (antenna rotator), which is controlled by an internal register. The register setting can be changed by the
serial interface.
8.2.2 Input Attenuator
Input signal attenuation is provided for each channel by means of connecting a 1.5 k
Ω resistor across the differential inputs. An internal register
controls attenuation.
8.2.3 Input Shortcutting
The differential inputs can be shortened by register settings to measure the RSSI offset. In this case, the resistance between the differential
inputs is reduced to approximately 500
Ω.
8.2.4 Input Protection Circuit
Each signal input has a powerful input overload protection circuit consisting of two anti-parallel protection diodes connected to ground (see
Figure 14). This connection ensures that the differential input voltage can never exceed the supply voltage of the chip. To obtain proper
operation, the differential input receiving circuits (resonant RLC-circuits) must be floating and shall be grounded nowhere (see Figure 1)
LF1P
LF1N
LF2P
LF2N
LF3P
LF3N
CS
SCL
SDA
VCC
Input
Protection1
Input
Protection2
Input
Protection3
Antenna Rota-
tor
Input
Attenuator1
Input
Attenuator2
Input
Attenuator3
Log. Env. Amp 1
Log. Env. Amp 2
Log. Env. Amp 3
Detector1
Detector2
Detector3
RSSI
Multiplexer
Control Logic
Regulator
Regulator
POR
RSSI
Buffer
Data
Multiplexer
Wake Generator
Correlator3
Correlator2
Correlator1
Wake
AS3931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com