Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3931 Datasheet(PDF) 24 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 24 Page - ams AG

Back Button AS3931 Datasheet HTML 20Page - ams AG AS3931 Datasheet HTML 21Page - ams AG AS3931 Datasheet HTML 22Page - ams AG AS3931 Datasheet HTML 23Page - ams AG AS3931 Datasheet HTML 24Page - ams AG AS3931 Datasheet HTML 25Page - ams AG AS3931 Datasheet HTML 26Page - ams AG AS3931 Datasheet HTML 27Page - ams AG AS3931 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
23 - 30
AS3931
Datasheet - Configuring the Product
9.5.1 M0 (Correlator Off)
Bit M0 is used to simultaneously turn off all 3 correlators. This is done by turning off the correlator clocks. This can be used to reduce power
consumption when the Direct Data Mode is used.
9.5.2 M1 (Single/Double Wake Pattern)
Bit M1 selects the number of data patterns that are necessary for wakeup detection.
9.5.3 M2, M3 (Zero-Half-Bit Detection Mode)
Bits M2 and M3 select the number of Zero-Half-bits that are allowed to be invalid. A high level of allowed invalid Zero-Half-bits increases the error
tolerance related to noise or interference’s, that means that the probability for the detection of a valid WAKE pattern increases. Note that in turn
the immunity against parasitic wakeups (WAKE detection when no data has been sent, due to noise or interference’s) is reduced.
9.5.4 M4 (Detector Time Constant)
Bit M4 is used to switch between a large and a small
τ of the detector threshold adoption filter. A large τ is recommended, because it increases
the noise margin. A small
τ can be used to improve the wake sensitivity when non-specified wake-patterns are used.
9.5.5 M5
Not used; must always be programmed to 0 by the user!
Table 24. M0 Bit Mode
M0
Mode
0Low RSSI step
1
High RSSI step
Table 25. M1 Bit Mode
M1
Mode
0
Single Data pattern
1
Double Data pattern
Table 26. M2, M3 Bit Mode
M2
M3
WAKE Pin Function
0
0
3 invalid Zero-bits allowed
1
0
2 invalid Zero-bits allowed
0
1
1 invalid Zero-bits allowed
1
1
0 invalid Zero-bits allowed
Table 27. M4 Bit Mode
M4
Mode
0
small
τ
1
large
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com