Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3931 Datasheet(PDF) 23 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 23 Page - ams AG

Back Button AS3931 Datasheet HTML 19Page - ams AG AS3931 Datasheet HTML 20Page - ams AG AS3931 Datasheet HTML 21Page - ams AG AS3931 Datasheet HTML 22Page - ams AG AS3931 Datasheet HTML 23Page - ams AG AS3931 Datasheet HTML 24Page - ams AG AS3931 Datasheet HTML 25Page - ams AG AS3931 Datasheet HTML 26Page - ams AG AS3931 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
22 - 30
AS3931
Datasheet - Configuring the Product
9.4.3 T3
Not used; must always be programmed to 0 by the user!
9.4.4 T4 (RSSI Step Select)
Bit T4 is used to switch between a high and a low RSSI step. For more information on RSSI steps see Extended Operation on page 24.
9.4.5 T5 (Wake Generator On/Off)
Bit T5 is used to activate the Wake Generator. If activated, an artificial parasitic wakeup is generated every 2 hours.
9.5 Correlator Mode Register
0
1
not used
1
1
not used
Table 20. T4 Bit Mode
T4
Mode
0Low RSSI step
1
High RSSI step
Table 21. T5 Bit Mode
T5
Mode
0
Wake Generator off
1
Wake Generator on
Table 22. Register Data
Bit
POR state
Description
M0
0
Correlator Off
M1
0
single/double wake pattern
M2
0
Zero-Bit Detection Mode bit1
M3
1
Zero-Bit Detection Mode bit2
M4
1
detector threshold
τ select
M5
0
not used
Table 23. Register Address
Bit
Value
A0
1
A1
1
Table 19. T1, T2 Bit Mode
T1
T2
WAKE Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com