Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3931 Datasheet(PDF) 16 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 16 Page - ams AG

Back Button AS3931 Datasheet HTML 12Page - ams AG AS3931 Datasheet HTML 13Page - ams AG AS3931 Datasheet HTML 14Page - ams AG AS3931 Datasheet HTML 15Page - ams AG AS3931 Datasheet HTML 16Page - ams AG AS3931 Datasheet HTML 17Page - ams AG AS3931 Datasheet HTML 18Page - ams AG AS3931 Datasheet HTML 19Page - ams AG AS3931 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
15 - 30
AS3931
Datasheet - Detailed Descr i pti on
8.3 Basic Operation
8.3.1 LF Transmission Protocol
8.3.1.1 Data Pattern
The AS3931 identifies a 16 half-bit binary coded data pattern, which is ASK-modulated on a LF carrier. The pattern must contain 8 LOGIC 0 half-
bits and 8 LOGIC 1 half-bits in order to be DC free. Furthermore, for a proper detector threshold adaptation it has to be ensured that there are no
long groups of LOGIC 0 and LOGIC 1 half-bits. Therefore coding of the 16 half-bit binary data to 8 Manchester bits is common. This means that
8 consecutive half-bit pairs are grouped to Manchester bits whereas a Manchester bit 1 is a HIGH to LOW transition and a Manchester bit 0 is a
LOW to HIGH transition. The AS3931 supports the Manchester bit pattern 96 [hex] which in binary code is: 10 01 01 10 01 10 10 01. MSB is
transmitted first. The Manchester bit pattern i.e. the binary DATA pattern can be changed on demand by a metal mask modification.
8.3.1.2 Double Data Pattern
To increase the immunity against parasitic wakeups, the data pattern necessary for a successful wakeup can be doubled by programming the
AS3931: if the double data pattern is used, the pattern 96 has to be sent twice; after recognition of the first data pattern, the second data pattern
has to be sent immediately after the first one, otherwise no WAKE signal is generated. For the timing see Wake Up Frame on page 15. Setting
the bit M1 to 1 can program the double data pattern feature.
8.3.1.3 Wake Up Frame
The Wake Up Frame of AS3931 consists of a preamble used for detector threshold adaptation followed by the DATA pattern once (normal or
single Wake Up) or twice (double Wake Up) to be identified. We recommend a transmission protocol as shown on Figure 15 and Figure 16. The
preamble consists of a half-bit pattern 1010... with a specified number NPRE of half-bits (NPRE must be an even number in order to get complete
1/0 pairs). NPRE depends on the application and has influence on the wakeup and overload sensitivity. We recommend a minimum of NPRE = 8
half-bits (according to 4 manchester bits “1”).
Figure 15. Wake Up Frame of AS3931 with Single WAKE Data Pattern
Figure 16. Wake Up Frame of AS3931 with Double WAKE Data Pattern
Preamble
NPRE half- bits
Data 96
5.86 ms (16 half-bits)
WAKE
LF Carrier
Amplitude
Preamble
N
PRE half-bits
Data 96
5.86 ms (16 half
-bits)
WAKE
LF Carrier
Amplitude
Data 96
5.86 ms (16 half-bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com