Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 14 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 14 Page - ams AG

Back Button AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG AS3932 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
14 - 34
AS3932
Datasheet - Detailed Descr i p ti on
8.2 System and Block Specification
8.2.1 Register Table
8.2.2 Register Table Description and Default Values
Table 6. Register Table
7
6
5
4
3
2
1
0
R0
n.a.
ON_OFF
MUX_123
EN_A2
EN_A3
EN_A1
PWD
R1
ABS_HY
AGC_TLIM
AGC_UD
ATT_ON
EN_PAT2
EN_WPAT
EN_RTC
R2
S_ABSH
W_PAT_T<1:0>
Reserved
S_WU1<1:0>
R3
HY_20m
HY_POS
FS_SLC<2:0>
FS_ENV<2:0>
R4
T_OFF<1:0>
R_VAL<1:0>
GR<3:0>
R5
TS2<7:0>
R6
TS1<7:0>
R7
T_OUT<2:0>
T_HBIT<4:0>
R8
n.a.
T_AUTO<2:0>
R9
n.a.
Reserved
R10
n.a.
RSSI1<4:0>
R11
n.a.
RSSI3<4:0>
R12
n.a.
RSSI2<4:0>
R13
F_WAKE
Table 7. Default Values of Registers
Register
Name
Type
Default
Value
Description
R0<5>
ON_OFF
R/W
0
On/Off operation mode. (Duty-cycle defined in the register R4<7:6>
R0<4>
MUX_123
R/W
0
Scan mode enable
R0<3>
EN_A2
R/W
1
Channel 2 enable
R0<2>
EN_A3
R/W
1
Channel 3 enable
R0<1>
EN_A1
R/W
1
Channel 1 enable
R0<0>
PWD
R/W
0
Power down
R1<7>
ABS_HY
R/W
0
Data slicer absolute reference
R1<6>
AGC_TLIM
R/W
0
AGC acting only on the first carrier burst
R1<5>
AGC_UD
R/W
1
AGC operating in both direction (up-down)
R1<4>
ATT_ON
R/W
0
Antenna damper enable
R1<2>
EN_PAT2
R/W
0
Double wake-up pattern correlation
R1<1>
EN_WPAT
R/W
1
Data correlation enable
R1<0>
EN_RTC
R/W
1
Crystal oscillator enable
R2<7>
S_ABSH
R/W
0
Data slicer threshold reduction
R2<6:5>
W_PAT
R/W
00
Pattern correlation tolerance (see Table 20)
R2<4:2>
Reserved
000
Reserved
R2<1:0>
S_WU1
R/W
00
Tolerance setting for the stage wake-up (see Table 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com