Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 17 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 17 Page - ams AG

Back Button AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG AS3932 Datasheet HTML 18Page - ams AG AS3932 Datasheet HTML 19Page - ams AG AS3932 Datasheet HTML 20Page - ams AG AS3932 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
17 - 34
AS3932
Datasheet - Detailed Descr i p ti on
The last 8 bits are the data that has to be written respectively read. A CS toggle high-low-high terminates the command mode.
If a direct command is sent (B15-B14=11) the bits from B13 to B8 defines the direct command while the last 8 bits are omitted. The Table 12
shows all possible direct commands:
All direct commands are explained below:
- clear_wake: clears the wake state of the chip. In case the chip has woken up (WAKE pin is high) the chip is set back to listening mode
- reset_RSSI: resets the RSSI measurement.
- trim_osc: starts the trimming procedure of the internal RC oscillator (see Figure 21)
- clear_false: resets the false wake-up register (R13<7:0>=00)
- preset_default: sets all register in the default mode, as shown in Figure 7
Writing of Data to Addressable Registers (WRITE Mode). The SDI is sampled at the falling edge of SCLK (as shown in the following
diagrams).
A CS toggling high-low-high indicates the end of the WRITE command after register has been written. The following example shows a write
command.
Figure 13. Writing of a Single Byte (falling edge sampling)
00
101
0
R10
00
101
1
R11
00
110
0
R12
00
110
1
R13
Table 12. List of Direct Commands
COMMAND_MODE
B13
B12
B11
B10
B9
B8
clear_wake
0
0
0
0
0
0
reset_RSSI
0
0
0
0
0
1
trim_osc
0
0
0
0
1
0
clear_false
0
00
01
1
preset_default
0
0
0
1
0
0
Table 11. SDI Command Structure
B13
B12
B11
B10
B9
B8
Read/Write register
CS
SCLK
SDI
0
0
A5
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK
falling edge
Data is
sampled
Data is moved
to Address
A5-A0
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicate
WRITE Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com