Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 15 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 15 Page - ams AG

Back Button AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG AS3932 Datasheet HTML 18Page - ams AG AS3932 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
15 - 34
AS3932
Datasheet - Detailed Descr i p ti on
R3<7>
HY_20m
R/W
0
Data slicer hysteresis
if HY_20m = 0 then comparator hysteresis = 40mV
if HY_20m = 1 then comparator hysteresis = 20mV
R3<6>
HY_POS
R/W
0
Data slicer hysteresis on both edges (HY_POS = 0 → hysteresis on both
edges; HY_POS = 1 → hysteresis only on positive edges)
R3<5:3>
FS_SCL
R/W
100
Data slicer time constant (see Table 18)
R3<2:0>
FS_ENV
R/W
000
Envelop detector time constant (see Table 17)
R4<7:6>
T_OFF
R/W
00
Off time in ON/OFF operation mode
T_OFF=00
1ms
T_OFF=01
2ms
T_OFF=10
4ms
T_OFF=11
8ms
R4<5:4>
D_RES
R/W
01
Antenna damping resistor (see Table 16)
R4<3:0>
GR
R/W
0000
Gain reduction (see Table 15)
R5<7:0>
TS2
R/W
01101001
2
nd Byte of wake-up pattern
R6<7:0>
TS1
R/W
10010110
1
st Byte of wake-up pattern
R7<7:5>
T_OUT
R/W
000
Automatic time-out (see Table 21)
R7<4:0>
T_HBIT
R/W
01011
Bit rate definition (see Table 19)
R8<2:0>
T_AUTO
R/W
000
Artificial wake-up
T_AUTO=000
No artificial wake-up
T_AUTO=001
1 sec
T_AUTO=010
5 sec
T_AUTO=011
20 sec
T_AUTO=100
2 min
T_AUTO=101
15min
T_AUTO=110
1 hour
T_AUTO=111
2 hour
R9<6:0>
Reserved
000000
Reserved
R10<4:0>
RSSI1
R
RSSI channel 1
R11<4:0>
RSSI2
R
RSSI channel 2
R12<4:0>
RSSI3
R
RSSI channel 3
R13<7:0>
F_WAK
R
False wake-up register
Table 7. Default Values of Registers
Register
Name
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com