Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 32 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 32 Page - ams AG

Back Button AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG AS3932 Datasheet HTML 29Page - ams AG AS3932 Datasheet HTML 30Page - ams AG AS3932 Datasheet HTML 31Page - ams AG AS3932 Datasheet HTML 32Page - ams AG AS3932 Datasheet HTML 33Page - ams AG AS3932 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.ams.com/LF-Receiver/AS3932
Revision 1.7
32 - 34
AS3932
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Table 26. Revision History
Revision
Date
Owner
Description
1.0
Feb 12, 2009
esn
1.0a
Feb 24, 2009
Table 27 (Ordering information), -Z removed from part numbers
1.1
Apr 2, 2009
New figure inserted Figure 2 on page 2, all subsequent chapters and page numbers are
therefore incremented by one
Default Values of RegistersTable 7, default value of R4<3:0> corrected
Bit Setting of Gain ReductionTable 15, stepsize of gain reduction increased to -4dBm
1.11
Apr 22, 2009
Description of external components on page 12 updated
1.12
May 25, 2009
Update of Section 10 Ordering Information on page 33
1.13
Jul 13, 2009
Updated Wake-up Protocol - Carrier Frequency 125 kHz 8.6 and description of Section
8.8.2 RC-Oscillator on page 28
1.2
Oct 13, 2009
mrh
Updated Key Features for External Clock
Added Figure 3 AS3932 Typical Application Diagram with Clock from External Source
Added External Clock Source in Electrical System SpecificationsTable 5
Deleted table Minimum duration of carrier burst in ON/OFF mode (Manchester decoder
enabled)
Updated Real Time Clock (RTC) 8.8 with External Clock
Added External Clock Source 8.8.3
1.3
Mar 25, 2010
Added a new section SDI Timing 8.2.4
Updated R11 and R12 in Table 7
Updated clock frequency of SDI to 2MHz in Serial Data Interface (SDI) 8.2.3
Updated time constant of RC filter in External Clock Source 8.8.3
1.4
Sep 21, 2010
rlc
Updated Figure 19 and Figure 8.7
1.5
Mar 04, 2011
Updated General Description, Key Features, Figure 1, Figure 2, Figure 3, Figure 4, Table 1,
Figure 5, Table 2, Figure 10, Section 8.1.4, Table 6, Table 7, Section 8.1.4, Section 8.6.1,
Figure 19, Section 8.6.2, Package Drawings and Markings.
Deleted figure “Synchronization of Data with Recovered Manchester Clock” and chapter on
“Single Pattern Detection (Manchester decoder enabled)”
Mar 17, 2011
Updated Absolute Maximum Ratings
1.6
Jun 14, 2011
Deleted max value for IPWD parameter
1.7
Feb 04, 2012
jry
Corrected data inconsistencies across the datasheet.
Jun 18, 2013
Corrected package drawings in Figure 23 on page 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com