Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B Datasheet(PDF) 12 Page - ams AG

Part # AS5045B
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B Datasheet(HTML) 12 Page - ams AG

Back Button AS5045B Datasheet HTML 8Page - ams AG AS5045B Datasheet HTML 9Page - ams AG AS5045B Datasheet HTML 10Page - ams AG AS5045B Datasheet HTML 11Page - ams AG AS5045B Datasheet HTML 12Page - ams AG AS5045B Datasheet HTML 13Page - ams AG AS5045B Datasheet HTML 14Page - ams AG AS5045B Datasheet HTML 15Page - ams AG AS5045B Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.ams.com
Revision 1.0
12 - 33
AS5045B
Datasheet - Detailed Descr i p ti on
If CSn changes to logic low, Data Out (DO) will change from high impedance (tri-state) to logic high and the read-out will be initiated.

After a minimum time tCLK FE, data is latched into the output shift register with the first falling edge of CLK.

Each subsequent rising CLK edge shifts out one bit of data.

The serial word contains 18 bits, the first 12 bits are the angular information D[11:0], the subsequent 6 bits contain system information,
about the validity of data such as OCF, COF, LIN, Parity and Magnetic Field status (increase/decrease).

A subsequent measurement is initiated by a “high” pulse at CSn with a minimum duration of tCSn.
Data Content
D11:D0 absolute angular position data (MSB is clocked out first)
OCF (Offset Compensation Finished), logic high indicates the finished Offset Compensation Algorithm
COF (Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set, the data at D11:D0 is invalid. The
absolute output maintains the last valid angular value.
This alarm can be resolved by bringing the magnet within the X-Y-Z tolerance limits.
LIN (Linearity Alarm), logic high indicates that the input field generates a critical output linearity.
When this bit is set, the data at D11:D0 can still be used, but can contain invalid data. This warning can be resolved by bringing the magnet within
the X-Y-Z tolerance limits.
Even Parity bit for transmission error detection of bits 1…17 (D11…D0, OCF, COF, LIN, MagINC, MagDEC)
Placing the magnet above the chip, angular values increase in clockwise direction by default.
Data D11:D0 is valid, when the status bits have the following configurations:
Note:
MagInc=MagDec=1 is only recommended in YELLOW mode (see Table 8)
Z-axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator). The AS5045B provides several options of detecting
movement and distance of the magnet in the Z-direction. Signal indicators MagINCn and MagDECn are available both as hardware pins (pins #1
and 2) and as status bits in the serial data stream (see Figure 5).
In the default state, the status bits MagINC, MagDec and pins MagINCn, MagDECn have the following function:
Note:
Pin 1 (MagINCn) and pin 2 (MagDECn) are active low via open drain output and require an external pull-up resistor. If the magnetic
field is in range, both outputs are turned off.
Table 7. Status Bit Outputs
OCF
COF
LIN
Mag INC
Mag DEC
Parity
10
0
00
Even checksum of bits
1:15
01
10
11
Table 8. Magnetic Field Strength Red-Yellow-Green Indicator
Status Bits
Hardware Pins
OTP: Mag CompEn = 1 (Red-Yellow-Green)
Mac
INC
Mag DEC
LIN
Mac INCn Mag DECn
Description
000
Off
Off
No distance change
Magnetic input field OK (GREEN range, ~45…75mT)
110
On
Off
YELLOW range: magnetic field is ~ 25…45mT or ~75…135mT. The
AS5045B can still be operated in this range, but with slightly reduced
accuracy.
111
On
On
RED range: magnetic field is ~<25mT or >~135mT. It is still possible to
operate the AS5045B in the red range, but not recommended.
All other combinations
n/a
n/a
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com