Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B Datasheet(PDF) 16 Page - ams AG

Part # AS5045B
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B Datasheet(HTML) 16 Page - ams AG

Back Button AS5045B Datasheet HTML 12Page - ams AG AS5045B Datasheet HTML 13Page - ams AG AS5045B Datasheet HTML 14Page - ams AG AS5045B Datasheet HTML 15Page - ams AG AS5045B Datasheet HTML 16Page - ams AG AS5045B Datasheet HTML 17Page - ams AG AS5045B Datasheet HTML 18Page - ams AG AS5045B Datasheet HTML 19Page - ams AG AS5045B Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
www.ams.com
Revision 1.0
16 - 33
AS5045B
Datasheet - Detailed Descr i p ti on
8.4.1 Changing the PWM Frequency
The PWM frequency of the AS5045B can be divided by two by setting a bit (PWMhalfEN) in the OTP register (see Programming the AS5045B on
page 17). With PWMhalfEN = 0 the PWM timing is as shown in Table 9:
When PWMhalfEN = 1, the PWM timing is as shown in Table 10:
8.5 Analog Output
An analog output can be generated by averaging the PWM signal, using an external active or passive low pass filter. The analog output voltage
is proportional to the angle: 0º= 0V; 360º = VDD5V.
Using this method, the AS5045B can be used as direct replacement of potentiometers.
Figure 11. Simple 2nd Order Passive RC Low Pass Filter
Figure 10 shows an example of a simple passive low pass filter to generate the analog output.
R1,R2
≥ 10kΩ
C1,C2
≥ 2.2µF / 6V
(EQ 2)
R1 should be greater than or equal to 4k7 to avoid loading of the PWM output. Larger values of Rx and Cx will provide better filtering and less
ripple, but will also slow down the response time.
Table 9. PWM Signal Parameters (Default mode)
Symbol
Parameter
Typ
Unit
Note
fPWM
PWM frequency
244
Hz
Signal period: 4097µs
PWMIN
MIN pulse width
1
µs
- Position 0d
- Angle 0 deg
PWMAX
MAX pulse width
4097
µs
- Position 4095d
- Angle 359.91 deg
Table 10. PWM Signal Parameters with Half Frequency (OTP option)
Symbol
Parameter
Typ
Unit
Note
fPWM
PWM frequency
122
Hz
Signal period: 8194µs
PWMIN
MIN pulse width
2
µs
- Position 0d
- Angle 0 deg
PWMAX
MAX pulse width
8194
µs
- Position 4095d
- Angle 359.91 deg
R1
R2
analog out
Pin12
PWM
Pin7
VSS
C1
C2
VDD
0V
0º
360º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com