Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B Datasheet(PDF) 27 Page - ams AG

Part # AS5045B
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B Datasheet(HTML) 27 Page - ams AG

Back Button AS5045B Datasheet HTML 23Page - ams AG AS5045B Datasheet HTML 24Page - ams AG AS5045B Datasheet HTML 25Page - ams AG AS5045B Datasheet HTML 26Page - ams AG AS5045B Datasheet HTML 27Page - ams AG AS5045B Datasheet HTML 28Page - ams AG AS5045B Datasheet HTML 29Page - ams AG AS5045B Datasheet HTML 30Page - ams AG AS5045B Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
www.ams.com
Revision 1.0
27 - 33
AS5045B
Datasheet - Application In form atio n
ulation (PWM) Output on page 15)
9.6.6 Temperature
Magnetic Temperature Coefficient. One of the major benefits of the AS5045B compared to linear Hall sensors is that it is much less
sensitive to temperature. While linear Hall sensors require a compensation of the magnet’s temperature coefficients, the AS5045B automatically
compensates for the varying magnetic field strength over temperature. The magnet’s temperature drift does not need to be considered, as the
AS5045B operates with magnetic field strengths from ±45…±75mT.
Example: A NdFeB magnet has a field strength of 75mT @ –40ºC and a temperature coefficient of -0.12% per Kelvin. The temperature change
is from -40º to +125º = 165K.The magnetic field change is: 165 x -0.12% = -19.8%, which corresponds to 75mT at -40ºC and 60mT at 125ºC.
The AS5045B can compensate for this temperature related field strength change automatically, no user adjustment is required.
9.6.7 Accuracy over Temperature
The influence of temperature in the absolute accuracy is very low. While the accuracy is less than or equal to ±0.5º at room temperature, it can
increase to less than or equal to ±0.9º due to increasing noise at high temperatures.
Timing Tolerance over Temperature. The internal RC oscillator is factory trimmed to ±5%. Over temperature, this tolerance can increase
to ±10%. Generally, the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for internal clock
generation.
The only concern to the user is the width of the PWM output pulse, which relates directly to the timing tolerance of the internal oscillator. This
influence however can be cancelled by measuring the complete PWM duty cycle instead of just the PWM pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com