Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045B Datasheet(PDF) 15 Page - ams AG

Part # AS5045B
Description  12-Bit Programmable Magnetic Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045B Datasheet(HTML) 15 Page - ams AG

Back Button AS5045B Datasheet HTML 11Page - ams AG AS5045B Datasheet HTML 12Page - ams AG AS5045B Datasheet HTML 13Page - ams AG AS5045B Datasheet HTML 14Page - ams AG AS5045B Datasheet HTML 15Page - ams AG AS5045B Datasheet HTML 16Page - ams AG AS5045B Datasheet HTML 17Page - ams AG AS5045B Datasheet HTML 18Page - ams AG AS5045B Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.ams.com
Revision 1.0
15 - 33
AS5045B
Datasheet - Detailed Descr i p ti on
Figure 9. Daisy Chain Mode Data Transfer
8.4 Pulse Width Modulation (PWM) Output
The AS5045B provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured angle. For angle position 0 to
4094
Position =
(EQ 1)
Examples:
1. An angle position of 180° will generate a pulse width ton = 2049µs and a pause toff of 2049 µs resulting in Position = 2048 after the cal-
culation: 2049 * 4098 / (2049 + 2049) -1 = 2048
2. An angle position of 359.8° will generate a pulse width ton = 4095µs and a pause toff of 3 µs resulting in Position = 4094 after the cal-
culation: 4095 * 4098 / (4095 + 3) -1 = 4094
Exception:
1. An angle position of 359.9° will generate a pulse width ton = 4097µs and a pause toff of 1 µs resulting in Position = 4096 after the cal-
culation: 4097 * 4098 / (4097 + 1) -1 = 4096
The PWM frequency is internally trimmed to an accuracy of ±5% (±10% over full temperature range). This tolerance can be cancelled by
measuring the complete duty cycle as shown above.
Figure 10. PWM Output Signal
CSn
CLK
DO
tDO valid
Angular Position Data
tDO active
Status Bits
tCLK FE
TCLK/2
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 OCF COF LIN
Mag
INC
Mag
DEC
Even
PAR
8
18
D
D11
1
2
3
D10 D9
Angular Position Data
1
st Device
2
nd Device
D10
D11
t
on
4098
⋅
t
on
t
off
+
()
-------------------------
1
–
4098µs
4097µs
1/fPWM
PWMAX
PWMIN
359.91 deg
(Pos 4095)
0 deg
(Pos 0)
Angle
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com