Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5162 Datasheet(PDF) 14 Page - ams AG

Part # AS5162
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5162 Datasheet(HTML) 14 Page - ams AG

Back Button AS5162 Datasheet HTML 10Page - ams AG AS5162 Datasheet HTML 11Page - ams AG AS5162 Datasheet HTML 12Page - ams AG AS5162 Datasheet HTML 13Page - ams AG AS5162 Datasheet HTML 14Page - ams AG AS5162 Datasheet HTML 15Page - ams AG AS5162 Datasheet HTML 16Page - ams AG AS5162 Datasheet HTML 17Page - ams AG AS5162 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
AS5162
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.3
13 - 36
8.2.6 Linearization of the Output
To improve the system linearity an additional 2 point linearization function is implemented in the AS5162.
Figure 10. Linearization of the Output Characteristic
8.2.7 Resolution of Parameters
The programming parameters have a wide resolution of up to 14 bits.
Table 8. Resolution of the Programming Parameters
Symbol
Parameter
Resolution
Note
T1
Mechanical angle start point
14 bits
T2
Mechanical angle stop point
14 bits
T1Y
Mechanical start voltage level
12 bits
T2Y
Mechanical stop voltage level
12 bits
CLL
Clamping level low
9 bits
CLH
Clamping level high
9 bits
BP
Break point
14 bits
C1
Calibration Point 1
4 bits
C2
Calibration Point 2
4 bits
C1Y
Trim value C1
3 bits
C2Y
Trim value C2
3 bits
T1
T2
100%VDD
0
T1Y
T2Y
CLL
CLH
C1
C2
C1Y
C2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com