Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5162 Datasheet(PDF) 2 Page - ams AG

Part # AS5162
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5162 Datasheet(HTML) 2 Page - ams AG

  AS5162 Datasheet HTML 1Page - ams AG AS5162 Datasheet HTML 2Page - ams AG AS5162 Datasheet HTML 3Page - ams AG AS5162 Datasheet HTML 4Page - ams AG AS5162 Datasheet HTML 5Page - ams AG AS5162 Datasheet HTML 6Page - ams AG AS5162 Datasheet HTML 7Page - ams AG AS5162 Datasheet HTML 8Page - ams AG AS5162 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AS5162
12-Bit Magnetic Angle Position Sensor
www.ams.com
Revision 1.3
1 - 36
1 General Description
The AS5162 is a contactless magnetic angle position sensor for
accurate angular measurement over a full turn of 360°. A sub range
can be programmed to achieve the best resolution for the
application. It is a system-on-chip, combining integrated Hall
elements, analog front end, digital signal processing and best in
class automotive protection features in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip, is required. The magnet may be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.022° = 16384
positions per revolution. According to this resolution the adjustment
of the application specific mechanical positions are possible. The
angular output data is available over a 12 bit ratiometric analog
output.
The AS5162 operates at a supply voltage of 5V and the supply and
output pins are protected against overvoltage up to +20V. In addition
the supply pins are protected against reverse polarity up to –20V.
Figure 1. Typical Arrangement of AS5162 and magnet
2 Key Features

360º contactless high resolution angular position sensing

User programmable start and end point of the application region
+ linearization.

User programmable clamping levels and programming of the
transition point.

Powerful analog output
- Short circuit monitor
- High driving capability for resistive and capacitive loads

Wide temperature range: - 40°C to + 150°C

Small Pb-free package: SOIC 8.

Broken GND and VDD detection over a wide range of different
load conditions.

Saw tooth mode 1,2,3,4 slopes per revolution
3 Benefits

Unique fully differential patented solution

Best protections for automotive applications

Easy to program

Additional linearization points for output characteristic

Ideal for applications in harsh environments due to contactless
position sensing

Robust system, tolerant to magnet misalignment, air gap
variations, temperature variations and external magnetic fields

High inherent accuracy

High driving capability of analog output (including diagnostics)

Broken GND and VDD detection for all external load cases
4 Applications
The AS5162 is ideal for automotive applications like throttle and
valve position sensing, gearbox position sensor, tumble flap, chassis
height level, pedal position sensing and contactless potentiometers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com