Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5162 Datasheet(PDF) 20 Page - ams AG

Part # AS5162
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5162 Datasheet(HTML) 20 Page - ams AG

Back Button AS5162 Datasheet HTML 16Page - ams AG AS5162 Datasheet HTML 17Page - ams AG AS5162 Datasheet HTML 18Page - ams AG AS5162 Datasheet HTML 19Page - ams AG AS5162 Datasheet HTML 20Page - ams AG AS5162 Datasheet HTML 21Page - ams AG AS5162 Datasheet HTML 22Page - ams AG AS5162 Datasheet HTML 23Page - ams AG AS5162 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AS5162
Datasheet - Application In form atio n
www.ams.com
Revision 1.3
19 - 36
Each communication starts with the reception of a request from the external controller. The request consists of two frames: one synchronization
frame and the command frame.
The synchronization frame contains the data 0x55 and allows the UART to measure the external controller baud rate:
Figure 15. Synchronization Frame
The second frame contains the command Read/ Write (1 bit) and the address (7 bits):
Figure 16. Address and Command Frame
Only two commands are possible. In case of read command the idle phase between the command and the answer is the time TSW. In case of
parity error command is not executed.
Notes:
1. In case of Write command the request is followed by the frames containing the data to write.
2. In case of Read command the communication direction will change and the AS5162 will answer with the frames containing the
requested data.
Table 13. Possible Commands
Possible Interface
Commands
Description
AS5X63
Communication Mode
Command
CMD
WRITE
Write data to the OTP memory or Registers
SLAVE
0
READ
Read data to the OTP memory or Registers
SLAVE & MASTER
1
start
stop
D0
D1
D2
D3
D4
D5
D6
D7 par
AD
3
AD
4
AD
5
AD
6
R/Wn par
start
stop
AD
0
AD
1
AD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com