Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5162 Datasheet(PDF) 22 Page - ams AG

Part # AS5162
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5162 Datasheet(HTML) 22 Page - ams AG

Back Button AS5162 Datasheet HTML 18Page - ams AG AS5162 Datasheet HTML 19Page - ams AG AS5162 Datasheet HTML 20Page - ams AG AS5162 Datasheet HTML 21Page - ams AG AS5162 Datasheet HTML 22Page - ams AG AS5162 Datasheet HTML 23Page - ams AG AS5162 Datasheet HTML 24Page - ams AG AS5162 Datasheet HTML 25Page - ams AG AS5162 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AS5162
Datasheet - Application In form atio n
www.ams.com
Revision 1.3
21 - 36
9.2.4 READ (Command Description)
Figure 18. Full Read Command
9.2.5 Baud-rate Automatic Detection
The UART includes a built-in baud-rate monitor that uses the synchronization frame to detect the external controller baud-rate. This baud-rate is
used after the synchronization byte to decode the following frame and to transmit the answer and it is stored in the BAUDREG register.
9.2.6 Baud-rate Manual Setting (optional)
The BAUDREG register can be read and over-written for a possible manual setting of the baud-rate: in case the register is overwritten with a
value different from 0, this value will be used for the following UART communications and the synchronization frame must be removed from the
request.
start
stop
D0
D1
D2
D3
D4
D5
D6
D7
par
Synchronization frame:
AD0
AD1
AD2
AD3
AD4
par
start
stop
AD5
AD6
R/Wn
Read command frame:
par
start
stop
D00
D01
D02
D03
D05
D06
D07
Data0 frame (data read from address AD<6:0>) (MASTER):
D04
par
start
stop
D00
D01
D02
D03
D05
D06
D07
Data1 frame (data read from address AD<6:0>+1) (MASTER):
D04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com