Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145H-HSST Datasheet(PDF) 13 Page - ams AG

Part # AS5145H-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145H-HSST Datasheet(HTML) 13 Page - ams AG

Back Button AS5145H-HSST Datasheet HTML 9Page - ams AG AS5145H-HSST Datasheet HTML 10Page - ams AG AS5145H-HSST Datasheet HTML 11Page - ams AG AS5145H-HSST Datasheet HTML 12Page - ams AG AS5145H-HSST Datasheet HTML 13Page - ams AG AS5145H-HSST Datasheet HTML 14Page - ams AG AS5145H-HSST Datasheet HTML 15Page - ams AG AS5145H-HSST Datasheet HTML 16Page - ams AG AS5145H-HSST Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
13 - 36
AS5145
Datasheet - Detailed Descr i p ti on
8.1.1 Synchronous Serial Interface (SSI)
Figure 5. Synchronous Serial Interface with Absolute Angular Position Data
If CSn changes to logic low, Data Out (DO) will change from high impedance (tri-state) to logic high and the read-out will be initiated.

After a minimum time tCLK FE, data is latched into the output shift register with the first falling edge of CLK.

Each subsequent rising CLK edge shifts out one bit of data.

The serial word contains 18 bits, the first 12 bits are the angular information D[11:0], the subsequent 6 bits contain system information,
about the validity of data such as OCF, COF, LIN, Parity and Magnetic Field status (increase/decrease).

A subsequent measurement is initiated by a “high” pulse at CSn with a minimum duration of tCSn.
Data Content
D11:D0 absolute angular position data (MSB is clocked out first)
OCF (Offset Compensation Finished), logic high indicates the finished Offset Compensation Algorithm
COF (Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set, the data at D11:D0 is invalid. The
absolute output maintains the last valid angular value.
This alarm can be resolved by bringing the magnet within the X-Y-Z tolerance limits.
LIN (Linearity Alarm), logic high indicates that the input field generates a critical output linearity.
When this bit is set, the data at D11:D0 can still be used, but can contain invalid data. This warning can be resolved by bringing the magnet within
the X-Y-Z tolerance limits.
Even Parity bit for transmission error detection of bits 1…17 (D11…D0, OCF, COF, LIN, MagINC, MagDEC)
Placing the magnet above the chip, angular values increase in clockwise direction by default.
Data D11:D0 is valid, when the status bits have the following configurations:
Note:
MagInc=MagDec=1 is only recommended in YELLOW mode (see Table 9)
Table 8. Status Bit Outputs
OCF
COF
LIN
Mag INC
Mag DEC
Parity
10
0
00
Even checksum of bits
1:15
01
10
11
CSn
CLK
DO
tDO valid
Angular Position Data
tDO active
Status Bits
tDO Tristate
tCSn
tCLK FE
tCLK FE
TCLK/2
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 OCF COF LIN
Mag
INC
Mag
DEC
Even
PAR
8
18
1
D11
D10
D11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com