Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145H-HSST Datasheet(PDF) 20 Page - ams AG

Part # AS5145H-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145H-HSST Datasheet(HTML) 20 Page - ams AG

Back Button AS5145H-HSST Datasheet HTML 16Page - ams AG AS5145H-HSST Datasheet HTML 17Page - ams AG AS5145H-HSST Datasheet HTML 18Page - ams AG AS5145H-HSST Datasheet HTML 19Page - ams AG AS5145H-HSST Datasheet HTML 20Page - ams AG AS5145H-HSST Datasheet HTML 21Page - ams AG AS5145H-HSST Datasheet HTML 22Page - ams AG AS5145H-HSST Datasheet HTML 23Page - ams AG AS5145H-HSST Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
20 - 36
AS5145
Datasheet - Application In form atio n
9.1.2 OTP Memory Assignment
9.1.3 User Selectable Settings
The AS5145 allows programming of the following user selectable options:
- PWMhalfEN_Indexwidth: Setting this bit, the PWM pulse will be divided by 2, in case of quadrature incremental mode A/B/Index setting
of Index impulse width from 1 LSB to 3LSB
- Output Md0: Setting this bit enables sync- or 10-bit incremental mode (see Table 10).
- Output Md1: Setting this bit enables sync- or 12-bit incremental mode (see Table 10).
- Z [11:0]: Programmable Zero / Index Position
Table 13. OTP Bit Assignment
Bit
Symbol
Function
mbit1
Factory Bit 1
51
PWMhalfEN_Index width
PMW frequency Index pulse width
50
MagCompEn
Alarm mode (programmed by ams to 1)
49
pwmDIS
Disable PWM
48
Output Md0
Default, 10-bit inc, 12-bit inc
Sync mode
47
Output Md1
46
Z0
12-bit Zero Position
::
35
Z11
34
CCW
Direction
33
RA0
Redundancy Address
::
29
RA4
28
FS 0
Factory Bit
27
FS 1
26
FS 2
25
FS 3
24
FS 4
23
FS 5
::
20
FS 8
19
FS 9
18
FS 10
17
ChipID0
18-bit Chip ID
16
ChipID1
::
0
ChipID17
mbit0
Factory Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com