Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145H-HSST Datasheet(PDF) 19 Page - ams AG

Part # AS5145H-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145H-HSST Datasheet(HTML) 19 Page - ams AG

Back Button AS5145H-HSST Datasheet HTML 15Page - ams AG AS5145H-HSST Datasheet HTML 16Page - ams AG AS5145H-HSST Datasheet HTML 17Page - ams AG AS5145H-HSST Datasheet HTML 18Page - ams AG AS5145H-HSST Datasheet HTML 19Page - ams AG AS5145H-HSST Datasheet HTML 20Page - ams AG AS5145H-HSST Datasheet HTML 21Page - ams AG AS5145H-HSST Datasheet HTML 22Page - ams AG AS5145H-HSST Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
19 - 36
AS5145
Datasheet - Application In form atio n
9 Application Information
The benefits of AS5145 are as follows:

Complete system-on-chip

Flexible system solution provides absolute and PWM outputs simultaneously

Ideal for applications in harsh environments due to contactless position sensing

No calibration required

No temperature compensation necessary
9.1 Programming the AS5145
After power-on, programming the AS5145 is enabled with the rising edge of CSn with PDIO = high and CLK = low.
The AS5145 programming is a one-time-programming (OTP) method, based on poly silicon fuses. The advantage of this method is that a
programming voltage of only 3.3V to 3.6V is required for programming (either with 3.3V or 5V supply).
The OTP consists of 52 bits, of which 21 bits are available for user programming. The remaining 31 bits contain factory settings and a unique
chip identifier (Chip-ID).
A single OTP cell can be programmed only once. Per default, the cell is “0”; a programmed cell will contain a “1”. While it is not possible to reset
a programmed bit from “1” to “0”, multiple OTP writes are possible, as long as only unprogrammed “0”-bits are programmed to “1”.
Independent of the OTP programming, it is possible to overwrite the OTP register temporarily with an OTP write command at any time. This
setting will be cleared and overwritten with the hard programmed OTP settings at each power-up sequence or by a LOAD operation. Use
application note AN514X_10 to get more information about the programming options.
The OTP memory can be accessed in the following ways:

Load Operation: The Load operation reads the OTP fuses and loads the contents into the OTP register. A Load operation is automatically
executed after each power-on-reset.

Write Operation: The Write operation allows a temporary modification of the OTP register. It does not program the OTP. This operation can
be invoked multiple times and will remain set while the chip is supplied with power and while the OTP register is not modified with another
Write or Load operation.

Read Operation: The Read operation reads the contents of the OTP register, for example to verify a Write command or to read the OTP
memory after a Load command.

Program Operation: The Program operation writes the contents of the OTP register permanently into the OTP ROM.

Analog Readback Operation: The Analog Readback operation allows a quantifiable verification of the programming. For each pro-
grammed or unprogrammed bit, there is a representative analog value (in essence, a resistor value) that is read to verify whether a bit has
been successfully programmed or not.
9.1.1 Zero Position Programming
Zero position programming is an OTP option that simplifies assembly of a system, as the magnet does not need to be manually adjusted to the
mechanical zero position. Once the assembly is completed, the mechanical and electrical zero positions can be matched by software. Any
position within a full turn can be defined as the permanent new zero position.
For zero position programming, the magnet is turned to the mechanical zero position (e.g. the “off”-position of a rotary switch) and the actual
angular value is read.
This value is written into the OTP register bits Z35:Z46 (see Figure 13).
Note:
The zero position value can also be modified before programming, e.g. to program an electrical zero position that is 180º (half turn)
from the mechanical zero position, just add 2048 to the value read at the mechanical zero position and program the new value into the
OTP register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com