Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145H-HSST Datasheet(PDF) 30 Page - ams AG

Part # AS5145H-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145H-HSST Datasheet(HTML) 30 Page - ams AG

Back Button AS5145H-HSST Datasheet HTML 26Page - ams AG AS5145H-HSST Datasheet HTML 27Page - ams AG AS5145H-HSST Datasheet HTML 28Page - ams AG AS5145H-HSST Datasheet HTML 29Page - ams AG AS5145H-HSST Datasheet HTML 30Page - ams AG AS5145H-HSST Datasheet HTML 31Page - ams AG AS5145H-HSST Datasheet HTML 32Page - ams AG AS5145H-HSST Datasheet HTML 33Page - ams AG AS5145H-HSST Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
30 - 36
AS5145
Datasheet - Pack a ge Drawin gs and Ma r k ings
10 Package Drawings and Markings
The device is available in SSOP 16 (5.3mm x 6.2mm).
Figure 22. Package Drawings and Dimensions
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
Marking: YYWWMZZ.
YY
WW
M
ZZ
Last two digits of the manufacturing year
Manufacturing week
Plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A
1.73
1.86
1.99
A1
0.05
0.13
0.21
A2
1.68
1.73
1.78
b
0.22
0.315
0.38
c
0.09
0.17
0.25
D
5.90
6.20
6.50
E
7.40
7.80
8.20
E1
5.00
5.30
5.60
e
-
0.65 BSC
-
L
0.55
0.75
0.95
L1
-
1.25 REF
-
L2
-
0.25 BSC
-
R0.09
-
-
Θ
0º
4º
8º
N16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com