Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 7 Page - ams AG

Part # AS5510
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510 Datasheet(HTML) 7 Page - ams AG

Back Button AS5510 Datasheet HTML 3Page - ams AG AS5510 Datasheet HTML 4Page - ams AG AS5510 Datasheet HTML 5Page - ams AG AS5510 Datasheet HTML 6Page - ams AG AS5510 Datasheet HTML 7Page - ams AG AS5510 Datasheet HTML 8Page - ams AG AS5510 Datasheet HTML 9Page - ams AG AS5510 Datasheet HTML 10Page - ams AG AS5510 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
6 - 18
AS5510
Datasheet - Electrical Character i s t ics
6.2 Electrical and Magnetic Specifications
Table 6. Electrical and Magnetic Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution
10
bit
Bin
Magnetic Input Range
Default Setting
±50
mT
Configurable via I²C or factory
trimming option
±25
mT
±12.5
mT
±18.75
mT
Offsetinp
Input related offset
1
1. Offsetinp = 0.35mT residual offset + 0.1mT earth magnetic field.
0.45
mT
Linearity error
2
2. Linearity error=
3%
tPwrUp
Initial Power up time from cold start
3
3. This time is needed for the first power-up of the device until the offset compensation is finished; Includes readout of the PPROM fuses;
It depends on the sensitivity setting.
This time is needed for the first
power-up of the device until the
offset compensation is finished;
Includes readout of the PPROM
fuses
1.5
ms
tPwrOn
Power-on time
4
4. Time after switching from power-down mode into active mode until the offset compensation is finished.
Time after switching from power-
down mode into active mode until
the offset compensation is finished
250
μs
Fast Mode (default setting)
fS
ADC sampling frequency
After offset compensation finished
50
KHz
tdelay
System propagation delay
20
μs
Noiseinp
Input related noise
5
5. Input related Noise (NoiseInp) is the repeatability of the measurement.
Equivalent to 8 * rms
0.8
mTpp
Slow mode (I²C command option)
fS
ADC sampling frequency
After offset compensation finished
12.5
KHz
tdelay
System propagation delay
50
μs
Noiseinp
Input related noise
5
Equivalent to 8 * rms
0.5
mTpp
lin
error
–
1
adc
out maxB
()
–
adc
–
out zeroB
()
–
2
adc
out maxB
2
--------------


–
adc
–
out zeroB
()
–


×
-------------------------------------------------------------------------------------------------------------





100
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com