Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 2 Page - ams AG

Part # AS5510
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510 Datasheet(HTML) 2 Page - ams AG

  AS5510 Datasheet HTML 1Page - ams AG AS5510 Datasheet HTML 2Page - ams AG AS5510 Datasheet HTML 3Page - ams AG AS5510 Datasheet HTML 4Page - ams AG AS5510 Datasheet HTML 5Page - ams AG AS5510 Datasheet HTML 6Page - ams AG AS5510 Datasheet HTML 7Page - ams AG AS5510 Datasheet HTML 8Page - ams AG AS5510 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS5510
Linear Hall Sensor with I²C Output
www.ams.com/AS5510
Revision 0.1
1 - 18
1 General Description
The AS5510 is a linear Hall sensor with 10 bit resolution and I²C
interface. It can measure absolute position of lateral movement of a
simple 2-pole magnet. Depending on the magnet size, a lateral
stroke of 0.5~2mm can be measured with air gaps around 1.0mm. To
conserve power, the AS5510 may be switched to a power down state
when it is not used.It is available in a WLCSP package and qualified
for an ambient temperature range from -30°C to +85°C.
2 Key Features

10bit resolution

I²C Interface

Power down mode

Programmable sensitivity
3 Applications
The AS5510 is ideal for:

Position sensing

Servo drive feedback

Camera lens control

Closed loop position control.
Figure 1. Linear Position Sensor with AS5510 + Magnet
N
S
Magnet
AS5510
PCB
Figure 2. Block Diagram
VDD
VSS
Biasing &
Reference
Test
Offset
Compensation
Factory Gain Trim
SCL
I2C
SDA
DSP
ADR
ADC 10 bit
Buffer & Filter
Front
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com