Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 6 Page - ams AG

Part # AS5510
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510 Datasheet(HTML) 6 Page - ams AG

Back Button AS5510 Datasheet HTML 2Page - ams AG AS5510 Datasheet HTML 3Page - ams AG AS5510 Datasheet HTML 4Page - ams AG AS5510 Datasheet HTML 5Page - ams AG AS5510 Datasheet HTML 6Page - ams AG AS5510 Datasheet HTML 7Page - ams AG AS5510 Datasheet HTML 8Page - ams AG AS5510 Datasheet HTML 9Page - ams AG AS5510 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
5 - 18
AS5510
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 DC Characteristics for Digital Inputs and Outputs
6.1.1 CMOS Input: ADR
Note:
Operating conditions: Tamb = -30°C to +85°C, VDD = 2.5V to 3.6V (3V operation) unless otherwise noted.
6.1.2 CMOS I²C: SDA, SCL
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage at pin VDD
2.5
3
3.6
V
Isupp
Supply current
@ 25°C ambient temperature
3.5
mA
Ipd
Power down current
25
μA
Tamb
Ambient temperature
-30
85
°C
Table 4. Electrical Characteristics ADR Input
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
0.7 * VDD
VDD
V
VIL
Low level input voltage
0
0.3 * VDD
V
ILEAK
Input leakage current
-1
1
μA
Table 5. Electrical Characteristics I²C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
LOW-level input voltage
-0.5
0.3 * VDD
V
VIH
HIGH-level input voltage
0.7 * VDD
VDD +0.5V
V
Vhys
Hysteresis of Schmitt Trigger inputs
VDD > 2.5V
0.05 * VDD
V
VOL
LOW-level output voltage (open-drain
or open-collector) at 3mA sink current
VDD > 2.5V
0.4V
V
IOL
LOW-level output current
VOL = 0.4V
20
mA
tof
Output fall time from VIHmax to VILmax
120
1
1. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to be consid-
ered for bus timing.
ns
tSP
Pulse width of spikes that must be
suppressed by the input filter
50
2
2. Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
ns
Ii
Input current at each I/O pin
-10
+10
3
3. I/O pins of Fast-mode and Fast-mode plus devices must not obstruct the SDA and SCL lines if VDD is switched off.
μA
CB
Total capacitive load for each bus line
550
pF
CI/O
I/O capacitance (SDA, SCL)
4
4. Special purpose devices such as multiplexers and switches may exceed this capacitance due to the fact that they connect multiple
paths together.
Note:
Operating conditions: Tamb = -30°C to +85°C, VDD = 2.5V to 3.6V (3V operation) unless otherwise noted.
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com