Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510 Datasheet(PDF) 9 Page - ams AG

Part # AS5510
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510 Datasheet(HTML) 9 Page - ams AG

Back Button AS5510 Datasheet HTML 5Page - ams AG AS5510 Datasheet HTML 6Page - ams AG AS5510 Datasheet HTML 7Page - ams AG AS5510 Datasheet HTML 8Page - ams AG AS5510 Datasheet HTML 9Page - ams AG AS5510 Datasheet HTML 10Page - ams AG AS5510 Datasheet HTML 11Page - ams AG AS5510 Datasheet HTML 12Page - ams AG AS5510 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
8 - 18
AS5510
Datasheet - Detailed Descr i p ti on
The communication from the AS5510 includes:

Reading the magnetic field strength in 10-bit data

Reading the status bits
Note:
The I²C address of the chip is selected by hardware (pin ADR). Depending on the state of this pin, the I²C address is either
Pin ADR = LOW  I²C address = 1010110b(56h)
Pin ADR = HIGH  I²C address = 1010111b(57h)
7.2.1 I²C Interface Data
Note:
Operating conditions Tamb = -30 to +85°C, VDD=2.5 to 3.6V (3V operation) unless otherwise noted.
Table 7. I²C Timings
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fSCLK
SCL clock frequency
1
MHz
tBUF
Bus free time; time between STOP and
START condition
0.5
μs
tHD.STA
Hold time; (repeated) START
condition
1
1. After this time the first clock is generated
0.26
μs
tLOW
LOW period of SCL clock
0.5
μs
tHIGH
HIGH period of SCL clock
0.26
μs
tSU.STA
Setup time for a repeated START
condition
0.26
μs
tHD.DAT
Data hold time
2
2. A device must internally provide a hold time of at least 120ns (Fast-mode Plus) for the SDA signal (referred to the VIHmin of the SCL) to
bridge the undefined region of the falling edge of SCL.
0.45
μs
tSU.DAT
Data setup time
3
3. A fast-mode device can be used in standard-mode system, but the requirement tSU.DAT = 250ns must then be met. This is automatically
the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL sig-
nal, it must output the next data bit to the SDA line tRmax + TSU.DAT = 1000 + 250 = 1250ns before the SCL line is released.
50
ns
tR
Rise time of SDA and SCL signals
120
ns
tF
Fall time of SDA and SCL signals
4
4. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used this has to be consid-
ered for bus timing.
120
ns
tSU.STO
Setup time for STOP condition
0.26
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com