Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 10 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 10 Page - ams AG

Back Button AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG AS7620 Datasheet HTML 10Page - ams AG AS7620 Datasheet HTML 11Page - ams AG AS7620 Datasheet HTML 12Page - ams AG AS7620 Datasheet HTML 13Page - ams AG AS7620 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
10 - 16
AS7620
Datasheet - D e t a i l e d D e s c r i p t i o n
8.7 Power Fail / Power Good
AS7620A-B monitors input and output voltage by VEPF (pin 11) and VFB (pin 5) respectively. Two dedicated flags PF (pin 10) and PG (pin 12)
are provided outside to inform about early input power fail (active low) and output within regulation. Figure 19 illustrates the typical connection for
VEPF. During start up, PF is initially low. By selecting R3, R4, R5 and R6, it is possible to set the desired input voltage threshold above which the
input power is considered stable. Once VIN (VDDH in Figure 19) reaches Vinth, PF is released and so an additional voltage contribution from
VDD is added at the VPF pin, realizing in fact a hysteresis to eliminate PF oscillation due to power supply noise.
Figure 19. Open-Drain Output Stage for Comparator
Table 5 provides the resistors values covering all the standard input BUS. The resistors values are 1% commercial values. It is mandatory to use
the correct resistors values to guarantee the respect of maximum absolute voltages at EPF and PF pin. VDD has been considered 3.3V.
Otherwise EPF pin should be shorted to GND and PF left floating.
Terminology:
VRST: Reset voltage for the EPF. It is 90% of the Input BUS voltage.
VTRIP: Trip voltage for the EPF. It is 80% of the Input BUS voltage.
8.8 Thermal Protection
The internal junction temperature is continuously monitored. If it reaches 150ºC (min), the PMOS is turned off. The device can switch again if the
temperature is decreased by at least 10ºC. If the over-temperature persists, the device will be shut down again resulting in a hiccup mode for the
output power.
Table 5. EPF Network Selection with Different Input BUS
VIN (V)
VRST (V)
VTRIP (V)
R3 (K
Ω)
R4 (K
Ω)
R5 (K
Ω)
R6 (K
Ω)
5
4.5
4
365
143
1740
1370
6
5.4
4.8
464
143
1870
1430
9
8.1
7.2
768
140
2050
1580
12
10.8
9.6
1070
140
2100
1650
15
13.5
12
1370
140
2150
1690
20
18
16
1870
140
2210
1740
24
21.6
19.2
2260
140
2260
1740
28
25.3
22.5
2670
140
2260
1740
VDDH
3.6…32V
VDD
1.2…3.6
Power Fail
RON
R6
R3
R4
VREF
R5
INV
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com