Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 11 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 11 Page - ams AG

Back Button AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG AS7620 Datasheet HTML 10Page - ams AG AS7620 Datasheet HTML 11Page - ams AG AS7620 Datasheet HTML 12Page - ams AG AS7620 Datasheet HTML 13Page - ams AG AS7620 Datasheet HTML 14Page - ams AG AS7620 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
11 - 16
AS7620
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
9.1 Input Capacitors
An input capacitor is required to sustain the peak current requested by the turning on of the internal PMOS. When used, the capacitor helps to
reduce the noise and saves the input battery life. The input capacitor has to withstand the input RMS current, which can be calculated by the
following formula:
(EQ 4)
While designing for wide input/output voltage range, the worst case of Irms=1/2*IOUT must be considered. Suggested capacitors are low ESR
OSCON, polymer, aluminum or MLCCs. Tantalum types are not recommended for their weakness in withstanding big inrush currents.
9.2 Output Inductor
The inductor together with the output capacitor represents the output filter. Using the AS7620, the inductor is charged and completely discharged
at every switching cycle being that the converter is forced to work in DCM. Values from 10µH to 100µH are suitable to work with AS7620 and its
selection should consider the following statements:
Bigger inductor implies lower fsw
Bigger inductor implies lower bandwidth
The inductor must be rated to withstand the peak current (ILIM) and the RMS current
9.3 Output Capacitor
The output capacitor together with the inductor represents the output filter. The bigger the capacitance is, the lower will be the output ripple.
Usually, low ESR MLCCs are preferred as they are inexpensive and small in size. Any value from 10µF is suitable, considering the load transient
specifications of the application as well.
9.4 Free Wheeling Diode
The inductor current is forced through the diode during the off-times. The average current flowing through it is
The reverse voltage must be higher than the input voltage and safely it is common to consider 30% more. Normally, a schottky diode is preferred
because of its low forward voltage.
9.5 Stability
Even though the hysteretic voltage mode is intrinsically stable, an excessive noise at the FB could cause instability. For this reason care must be
taken drawing the layout, reducing the noise and shielding the FB path from it. The main noise generator is the switching node, which is
commutated from GND to VIN by the internal PMOS and the free wheeling diode and through which a pulse current flows. It is wise to add a
MLCC capacitor as close as possible to the VIN pin of the device and provide a wide/short path between the LX pin and the external components
(inductor and diode). It is preferable to draw the FB path as far as possible from the LX node and, perhaps, shielding it with a GND track. Another
recommendation is to use low ESL output capacitors, thus avoiding electrolytic parts. A big ESL adds a square wave contribution on the FB that
can make the device work improperly.
9.6 100% Duty Cycle Operation
Thanks to the PMOS structure of the internal switch, the device can actually work at 100% duty cycle. This feature is very helpful during the load
transient, because the maximum power can be transferred to the output in order to recover as fastest. The device will try to work at 100% duty
whenever the FB voltage is lower than the upper window’s threshold. Moreover, in this condition, the safety is always guaranteed by the current
limit.
Irms
I
OUT
V
OUT
V
IN
V
OUT
–
(
)
•
V
IN
--------------------------------------------------
•
=
Irms
I
OUT
2
IL
2
∆
3
-----------
+
=
1
2
---
fsw
ILIM
2
L
•
V
OUT
------------------------
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com