Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 15 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 15 Page - ams AG

Back Button AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG AS7620 Datasheet HTML 10Page - ams AG AS7620 Datasheet HTML 11Page - ams AG AS7620 Datasheet HTML 12Page - ams AG AS7620 Datasheet HTML 13Page - ams AG AS7620 Datasheet HTML 14Page - ams AG AS7620 Datasheet HTML 15Page - ams AG AS7620 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
15 - 16
AS7620
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 7.
*Available on request
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.ams.com/ICdirect
Technical Support is found at http://www.ams.com/Technical-Support
For further information and requests, please contact us mailto:sales@ams.com
or find your local distributor at http://www.ams.com/distributor
Table 7. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS7620-BQFT
AS7620A
adjustable
500mA Hysteretic High Voltage Step-Down
Converter with Dual Power Monitor
Tape and Reel
12-pin MLPQ 4x4mm
AS7620B-BQFT*
AS7620B
3.3V
500mA Hysteretic High Voltage Step-Down
Converter with Dual Power Monitor
without Output Delay
Tape and Reel
12-pin MLPQ 4x4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com