Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 6 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 6 Page - ams AG

Back Button AS7620 Datasheet HTML 2Page - ams AG AS7620 Datasheet HTML 3Page - ams AG AS7620 Datasheet HTML 4Page - ams AG AS7620 Datasheet HTML 5Page - ams AG AS7620 Datasheet HTML 6Page - ams AG AS7620 Datasheet HTML 7Page - ams AG AS7620 Datasheet HTML 8Page - ams AG AS7620 Datasheet HTML 9Page - ams AG AS7620 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
6 - 16
AS7620
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 7. Current Limit Threshold vs. VIN
Figure 8. Average Switching Frequency vs. VIN
Figure 9. Average Switching Frequency vs. IOUT (ILIM=open)
Figure 10. Shutdown Current vs. Temperature
Figure 11. Line Regulation @ IOUT=10mA
Figure 12. Line Regulation @ IOUT=500mA
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
5
10
15
20
25
30
Vin (V)
ILIM GND
ILIM VOUT
ILIM FLOATING
100
1000
10000
100000
1000000
5 7 9 11 13 15 1719 21 23 25 27 29 31
Vin (V)
IOUT=500µA
IOUT=5mA
IOUT=50mA
IOUT=500mA
0
30000
60000
90000
120000
150000
180000
210000
240000
270000
300000
330000
0
100
200
300
400
500
Iout (mA)
VIN=5V
VIN=12V
VIN=24V
VIN=32V
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-40 -20
0
20
40
60
80
100 120
Temp (C)
VIN=5V
VIN=12V
VIN=24V
VIN=32V
-10%
10%
-0.800%
-0.600%
-0.400%
-0.200%
0.000%
0.200%
0.400%
0.600%
0.800%
Vin Variation (%)
-10%
10%
-0.400%
-0.300%
-0.200%
-0.100%
0.000%
0.100%
0.200%
0.300%
0.400%
Vin Variation (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com